Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 417 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 417 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 413Page - Renesas Technology Corp H8S/2472 Datasheet HTML 414Page - Renesas Technology Corp H8S/2472 Datasheet HTML 415Page - Renesas Technology Corp H8S/2472 Datasheet HTML 416Page - Renesas Technology Corp H8S/2472 Datasheet HTML 417Page - Renesas Technology Corp H8S/2472 Datasheet HTML 418Page - Renesas Technology Corp H8S/2472 Datasheet HTML 419Page - Renesas Technology Corp H8S/2472 Datasheet HTML 420Page - Renesas Technology Corp H8S/2472 Datasheet HTML 421Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 417 / 1250 page
background image
Section 9 14-Bit PWM Timer (PWMX)
Rev. 2.00 Aug. 20, 2008 Page 369 of 1198
REJ09B0403-0200
PCSR
Fixed DADR Bits
PWCKX0
PWCKX1
Bit Data
C
B
A
CKS
Reso-
lution
T
(
µs)
CFS
Base
Cycle
Conver-
sion
Cycle
TL/TH
(OS = 0/OS = 1)
Precision
(Bits)
Conversion
Cycle*
0
1
1
1
0
481.9
µs 123.36 ms
14
123.36 ms
2.1 kHz
12
0
0
30.84 ms
Always low/high output
DA13 to 0 = H'0000 to H'00FF
(Data value)
× T
DA13 to 0 = H'0100 to H'3FFF
10
0
0
0
0
7.71 ms
1
1927.5
µs 123.36 ms
14
123.36 ms
0.5 kHz
12
0
0
30.84 ms
7.53
(
φ/256)
Always low/high output
DA13 to 0 = H'0000 to H'003F
(Data value)
× T
DA13 to 0 = H'0040 to H'3FFF
10
0
0
0
0
7.71 ms
1
0
0
1
0
1.93 ms
493.45 ms
14
493.45 ms
518.8 Hz
12
0
0
123.36 ms
Always low/high output
DA13 to 0 = H'0000 to H'00FF
(Data value)
× T
DA13 to 0 = H'0100 to H'3FFF
10
0
0
0
0
30.84 ms
1
7.71 ms
493.45 ms
14
493.45 ms
129.7 Hz
12
0
0
123.36 ms
30.12
(
φ/1024)
Always low/high output
DA13 to 0 = H'0000 to H'003F
(Data value)
× T
DA13 to 0 = H'0040 to H'3FFF
10
0
0
0
0
30.84 ms
1
0
1
1
0
7.71 ms
1.974 s
14
1.974 s
129.7 Hz
12
0
0
0.493 s
Always low/high output
DA13 to 0 = H'0000 to H'00FF
(Data value)
× T
DA13 to 0 = H'0100 to H'3FFF
10
0
0
0
0
0.123 s
1
30.84 ms 1.974 s
14
1.974 s
32.4 Hz
12
0
0
0.493 s
120.47
(
φ/4096)
Always low/high output
DA13 to 0 = H'0000 to H'003F
(Data value)
× T
DA13 to 0 = H'0040 to H'3FFF
10
0
0
0
0
0.123 s
1
1
0
1
0
30.84 ms 7.895 s
14
7.895 s
32.4 Hz
12
0
0
1.974 s
Always low/high output
DA13 to 0 = H'0000 to H'00FF
(Data value)
× T
DA13 to 0 = H'0100 to H'3FFF
10
0
0
0
0
0.493 s
1
123.36
ms
7.895 s
14
7.895 s
8.1 Hz
12
0
0
1.974 s
481.88
(
φ/16384)
Always low/high output
DA13 to 0 = H'0000 to H'003F
(Data value)
× T
DA13 to 0 = H'0040 to H'3FFF
10
0
0
0
0
0.493 s
1
1
1
1
Setting
prohibited
 
Note:
*
Indicates the conversion cycle when specific DA3 to DA0 bits are fixed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com