Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 416 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 416 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 412Page - Renesas Technology Corp H8S/2472 Datasheet HTML 413Page - Renesas Technology Corp H8S/2472 Datasheet HTML 414Page - Renesas Technology Corp H8S/2472 Datasheet HTML 415Page - Renesas Technology Corp H8S/2472 Datasheet HTML 416Page - Renesas Technology Corp H8S/2472 Datasheet HTML 417Page - Renesas Technology Corp H8S/2472 Datasheet HTML 418Page - Renesas Technology Corp H8S/2472 Datasheet HTML 419Page - Renesas Technology Corp H8S/2472 Datasheet HTML 420Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 416 / 1250 page
background image
Section 9 14-Bit PWM Timer (PWMX)
Rev. 2.00 Aug. 20, 2008 Page 368 of 1198
REJ09B0403-0200
Table 9.3
Settings and Operation (Examples when
φ = 34 MHz)
PCSR
Fixed DADR Bits
PWCKX0
PWCKX1
Bit Data
C
B
A
CKS
Reso-
lution
T
(
µs)
CFS
Base
Cycle
Conver-
sion
Cycle
TL/TH
(OS = 0/OS = 1)
Precision
(Bits)
Conversion
Cycle*
 
0
0
1.88
µs
481.88
µs
14
481.88
µs
531.3 kHz
12
0
0
120.47
µs
Always low/high output
DA13 to 0 = H'0000 to H'00FF
(Data value)
× T
DA13 to 0 = H'0100 to H'3FFF
10
0
0
0
0
30.12
µs
1
7.53
µs
481.88
µs
14
481.88
µs
0.03
(
φ)
132.8 kHz
12
0
0
120.47
µs
Always low/high output
DA13 to 0 = H'0000 to H'003F
(Data value)
× T
DA13 to 0 = H'0040 to H'3FFF
10
0
0
0
0
30.12
µs
0
0
0
1
0
3.76
µs
0.964 ms
14
0.964 ms
265.6 kHz
12
0
0
0.241 ms
Always low/high output
DA13 to 0 = H'0000 to H'00FF
(Data value)
× T
DA13 to 0 = H'0100 to H'3FFF
10
0
0
0
0
0.060 ms
1
15.06
µs
0.964 ms
14
0.964 ms
66.4 kHz
12
0
0
0.241 ms
0.06
(
φ/2)
Always low/high output
DA13 to 0 = H'0000 to H'003F
(Data value)
× T
DA13 to 0 = H'0040 to H'3FFF
10
0
0
0
0
0.060 ms
0
0
1
1
0
120.5
µs
30.840 ms
14
30.840 ms
8.3 kHz
12
0
0
7.710 ms
Always low/high output
DA13 to 0 = H'0000 to H'00FF
(Data value)
× T
DA13 to 0 = H'0100 to H'3FFF
10
0
0
0
0
1.928 ms
1
481.9
µs
30.840 ms
14
30.840 ms
2.1 kHz
12
0
0
7.710 ms
1.88
(
φ/64)
Always low/high output
DA13 to 0 = H'0000 to H'003F
(Data value)
× T
DA13 to 0 = H'0040 to H'3FFF
10
0
0
0
0
1.928 ms
0
1
0
1
0
240.9
µs
61.681 ms
14
61.681 ms
4.2 kHz
12
0
0
15.420 ms
Always low/high output
DA13 to 0 = H'0000 to H'00FF
(Data value)
× T
DA13 to 0 = H'0100 to H'3FFF
10
0
0
0
0
3.855 ms
1
963.8
µs
61.681 ms
14
61.681 ms
1.0 kHz
12
0
0
15.420 ms
3.76
(
φ/128)
Always low/high output
DA13 to 0 = H'0000 to H'003F
(Data value)
× T
DA13 to 0 = H'0040 to H'3FFF
10
0
0
0
0
3.855 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com