Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 491 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 491 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 487Page - Renesas Technology Corp H8S/2472 Datasheet HTML 488Page - Renesas Technology Corp H8S/2472 Datasheet HTML 489Page - Renesas Technology Corp H8S/2472 Datasheet HTML 490Page - Renesas Technology Corp H8S/2472 Datasheet HTML 491Page - Renesas Technology Corp H8S/2472 Datasheet HTML 492Page - Renesas Technology Corp H8S/2472 Datasheet HTML 493Page - Renesas Technology Corp H8S/2472 Datasheet HTML 494Page - Renesas Technology Corp H8S/2472 Datasheet HTML 495Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 491 / 1250 page
background image
Section 13 Serial Communication Interface (SCI)
Rev. 2.00 Aug. 20, 2008 Page 443 of 1198
REJ09B0403-0200
Bit
Bit Name
Initial
Value
R/W
Description
5
ORER
0
R/(W)* Overrun Error
[Setting condition]
When the next serial reception is completed while RDRF =
1
[Clearing condition]
When 0 is written to ORER after reading ORER = 1
4
FER
0
R/(W)* Framing Error
[Setting condition]
When the stop bit is 0
[Clearing condition]
When 0 is written to FER after reading FER = 1
In 2-stop-bit mode, only the first stop bit is checked.
3
PER
0
R/(W)* Parity Error
[Setting condition]
When a parity error is detected during reception
[Clearing condition]
When 0 is written to PER after reading PER = 1
2
TEND
1
R
Transmit End
[Setting conditions]
• When the TE bit in SCR is 0
• When TDRE = 1 at transmission of the last bit of a 1-
byte serial transmit character
[Clearing conditions]
• When 0 is written to TDRE after reading TDRE = 1
• When a TXI interrupt request is issued allowing DTC
to write data to TDR
1
MPB
0
R
Multiprocessor Bit
MPB stores the multiprocessor bit in the receive frame.
When the RE bit in SCR is cleared to 0, its previous state
is retained.
0
MPBT
0
R/W
Multiprocessor Bit Transfer
MPBT stores the multiprocessor bit to be added to the
transmit frame.
Note:
*
Only 0 can be written to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com