Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 495 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 495 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 491Page - Renesas Technology Corp H8S/2472 Datasheet HTML 492Page - Renesas Technology Corp H8S/2472 Datasheet HTML 493Page - Renesas Technology Corp H8S/2472 Datasheet HTML 494Page - Renesas Technology Corp H8S/2472 Datasheet HTML 495Page - Renesas Technology Corp H8S/2472 Datasheet HTML 496Page - Renesas Technology Corp H8S/2472 Datasheet HTML 497Page - Renesas Technology Corp H8S/2472 Datasheet HTML 498Page - Renesas Technology Corp H8S/2472 Datasheet HTML 499Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 495 / 1250 page
background image
Section 13 Serial Communication Interface (SCI)
Rev. 2.00 Aug. 20, 2008 Page 447 of 1198
REJ09B0403-0200
13.3.9
Bit Rate Register (BRR)
BRR is an 8-bit register that adjusts the bit rate. As the SCI performs baud rate generator control
independently for each channel, different bit rates can be set for each channel. Table 13.2 shows
the relationships between the N setting in BRR and bit rate B for normal asynchronous mode and
clock synchronous mode, and smart card interface mode. The initial value of BRR is H'FF, and it
can be read from or written to by the CPU at all times.
Table 13.2
Relationships between N Setting in BRR and Bit Rate B
Mode
Bit Rate
Error
Asynchronous mode
B =
64 × 2
× (N + 1)
2n – 1
φ × 106
Error (%) = {
– 1 } × 100
B × 64 × 2
× (N + 1)
2n – 1
φ × 106
Clock synchronous mode
B =
8 × 2
× (N + 1)
2n – 1
φ × 106
Smart card interface mode
B =
S × 2
× (N + 1)
2n + 1
φ × 106
Error (%) =
B × S × 2
× (N + 1)
–1 × 100
2n + 1
φ × 106
{
}
[Legend]
B:
Bit rate (bit/s)
N:
BRR setting for baud rate generator (0
≤ N ≤ 255)
φ:
Operating frequency (MHz)
n and S:
Determined by the SMR settings shown in the following table.
SMR Setting
SMR Setting
CKS1
CKS0
n
BCP1
BCP0
S
0
0
0
0
0
32
0
1
1
0
1
64
1
0
2
1
0
372
1
1
3
1
1
256
Table 13.3 shows sample N settings in BRR in normal asynchronous mode. Table 13.4 shows the
maximum bit rate settable for each frequency. Table 13.6 and 13.8 show sample N settings in
BRR in clock synchronous mode and smart card interface mode, respectively. In smart card
interface mode, the number of basic clock cycles S in a 1-bit data transfer time can be selected.
For details, see section 13.7.4, Receive Data Sampling Timing and Reception Margin. Tables 13.5
and 13.7 show the maximum bit rates with external clock input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com