Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 493 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 493 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 489Page - Renesas Technology Corp H8S/2472 Datasheet HTML 490Page - Renesas Technology Corp H8S/2472 Datasheet HTML 491Page - Renesas Technology Corp H8S/2472 Datasheet HTML 492Page - Renesas Technology Corp H8S/2472 Datasheet HTML 493Page - Renesas Technology Corp H8S/2472 Datasheet HTML 494Page - Renesas Technology Corp H8S/2472 Datasheet HTML 495Page - Renesas Technology Corp H8S/2472 Datasheet HTML 496Page - Renesas Technology Corp H8S/2472 Datasheet HTML 497Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 493 / 1250 page
background image
Section 13 Serial Communication Interface (SCI)
Rev. 2.00 Aug. 20, 2008 Page 445 of 1198
REJ09B0403-0200
Bit
Bit Name
Initial
Value
R/W
Description
3
PER
0
R/(W)*
1
Parity Error
[Setting condition]
When a parity error is detected during reception
[Clearing condition]
When 0 is written to PER after reading PER = 1
2
TEND
1
R
Transmit End
TEND is set to 1 when the receiving end acknowledges no
error signal and the next transmit data is ready to be
transferred to TDR.
[Setting conditions]
• When both TE in SCR and ERS are 0
• When ERS = 0 and TDRE = 1 after a specified time
passed after the start of 1-byte data transfer. The set
timing depends on the register setting as follows.
When GM = 0 and BLK = 0, 2.5 etu*
2 after
transmission start
When GM = 0 and BLK = 1, 1.5 etu*
2 after
transmission start
When GM = 1 and BLK = 0, 1.0 etu*
2 after
transmission start
When GM = 1 and BLK = 1, 1.0 etu*
2 after
transmission start
[Clearing conditions]
• When 0 is written to TDRE after reading
TDRE = 1
• When a TXI interrupt request is issued allowing DTC
to write the next data to TDR
1
MPB
0
R
Multiprocessor Bit
Not used in smart card interface mode.
0
MPBT
0
R/W
Multiprocessor Bit Transfer
Write 0 to this bit in smart card interface mode.
Notes: 1. Only 0 can be written to clear the flag.
2. etu: Element Time Unit (time taken to transfer one bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com