Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 492 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 492 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 488Page - Renesas Technology Corp H8S/2472 Datasheet HTML 489Page - Renesas Technology Corp H8S/2472 Datasheet HTML 490Page - Renesas Technology Corp H8S/2472 Datasheet HTML 491Page - Renesas Technology Corp H8S/2472 Datasheet HTML 492Page - Renesas Technology Corp H8S/2472 Datasheet HTML 493Page - Renesas Technology Corp H8S/2472 Datasheet HTML 494Page - Renesas Technology Corp H8S/2472 Datasheet HTML 495Page - Renesas Technology Corp H8S/2472 Datasheet HTML 496Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 492 / 1250 page
background image
Section 13 Serial Communication Interface (SCI)
Rev. 2.00 Aug. 20, 2008 Page 444 of 1198
REJ09B0403-0200
• Bit Functions in Smart Card Interface Mode (when SMIF in SCMR = 1)
Bit
Bit Name
Initial
Value
R/W
Description
7
TDRE
1
R/(W)*
1
Transmit Data Register Empty
Indicates whether TDR contains transmit data.
[Setting conditions]
• When the TE bit in SCR is 0
• When data is transferred from TDR to TSR, and TDR
can be written to.
[Clearing conditions]
• When 0 is written to TDRE after reading TDRE = 1
• When a TXI interrupt request is issued allowing DTC to
write data to TDR
6
RDRF
0
R/(W)*
1
Receive Data Register Full
Indicates whether the receive data is stored in RDR.
[Setting condition]
• When serial reception ends normally and receive data
is transferred from RSR to RDR
[Clearing conditions]
•
When 0 is written to RDRF after reading RDRF = 1
• When an RXI interrupt request is issued allowing DTC
to read data from RDR
The RDRF flag is not affected and retains its previous
value when the RE bit in SCR is cleared to 0.
5
ORER
0
R/(W)*
1
Overrun Error
[Setting condition]
When the next serial reception is completed while RDRF =
1
[Clearing condition]
When 0 is written to ORER after reading ORER = 1
4
ERS
0
R/(W)*
1
Error Signal Status
[Setting condition]
When a low error signal is sampled
[Clearing condition]
When 0 is written to ERS after reading ERS = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com