Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 494 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 494 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 490Page - Renesas Technology Corp H8S/2472 Datasheet HTML 491Page - Renesas Technology Corp H8S/2472 Datasheet HTML 492Page - Renesas Technology Corp H8S/2472 Datasheet HTML 493Page - Renesas Technology Corp H8S/2472 Datasheet HTML 494Page - Renesas Technology Corp H8S/2472 Datasheet HTML 495Page - Renesas Technology Corp H8S/2472 Datasheet HTML 496Page - Renesas Technology Corp H8S/2472 Datasheet HTML 497Page - Renesas Technology Corp H8S/2472 Datasheet HTML 498Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 494 / 1250 page
background image
Section 13 Serial Communication Interface (SCI)
Rev. 2.00 Aug. 20, 2008 Page 446 of 1198
REJ09B0403-0200
13.3.8
Smart Card Mode Register (SCMR)
SCMR selects smart card interface mode and its format.
Bit
Bit Name
Initial
Value
R/W
Description
7 to 4
All 1
R
Reserved
These bits are always read as 1 and cannot be modified.
3
SDIR
0
R/W
Smart Card Data Transfer Direction
Selects the serial/parallel conversion format.
0: TDR contents are transmitted with LSB-first.
Stores receive data as LSB first in RDR.
1: TDR contents are transmitted with MSB-first.
Stores receive data as MSB first in RDR.
The SDIR bit is valid only when the 8-bit data format is
used for transmission/reception; when the 7-bit data
format is used, data is always transmitted/received with
LSB-first.
2
SINV
0
R/W
Smart Card Data Invert
Specifies inversion of the data logic level. The SINV bit
does not affect the logic level of the parity bit. When the
parity bit is inverted, invert the O/
E bit in SMR.
0: TDR contents are transmitted as they are. Receive data
is stored as it is in RDR.
1: TDR contents are inverted before being transmitted.
Receive data is stored in inverted form in RDR.
1
1
R
Reserved
This bit is always read as 1 and cannot be modified.
0
SMIF
0
R/W
Smart Card Interface Mode Select
When this bit is set to 1, smart card interface mode is
selected.
0: Normal asynchronous or clock synchronous mode
1: Smart card interface mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com