Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 496 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 496 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 492Page - Renesas Technology Corp H8S/2472 Datasheet HTML 493Page - Renesas Technology Corp H8S/2472 Datasheet HTML 494Page - Renesas Technology Corp H8S/2472 Datasheet HTML 495Page - Renesas Technology Corp H8S/2472 Datasheet HTML 496Page - Renesas Technology Corp H8S/2472 Datasheet HTML 497Page - Renesas Technology Corp H8S/2472 Datasheet HTML 498Page - Renesas Technology Corp H8S/2472 Datasheet HTML 499Page - Renesas Technology Corp H8S/2472 Datasheet HTML 500Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 496 / 1250 page
background image
Section 13 Serial Communication Interface (SCI)
Rev. 2.00 Aug. 20, 2008 Page 448 of 1198
REJ09B0403-0200
Table 13.3
Examples of BRR Settings for Various Bit Rates (Asynchronous Mode)
Operating Frequency
φ (MHz)
20
25
34
Bit Rate (bit/s)
n
N
Error (%)
n
N
Error (%)
n
N
Error (%)
110
3
88
–0.25
3
110
–0.02
3
150
–0.05
150
3
64
0.16
3
80
–0.47
3
110
–0.29
300
2
129
0.16
2
162
0.15
2
220
0.16
600
2
64
0.16
2
80
–0.47
2
110
–0.29
1200
1
129
0.16
1
162
0.15
1
220
0.16
2400
1
64
0.16
1
80
–0.47
1
110
–0.29
4800
0
129
0.16
0
162
0.15
0
220
0.16
9600
0
64
0.16
0
80
–0.47
0
110
–0.29
19200
0
32
–1.36
0
40
–0.76
0
54
0.62
31250
0
19
0.00
0
24
0.00
0
33
0.00
38400
0
15
1.73
0
19
1.73
0
27
–1.18
Note:
Make the settings so that the error does not exceed 1%.
Table 13.4
Maximum Bit Rate for Each Frequency (Asynchronous Mode)
φ (MHz)
Maximum Bit Rate (bit/s)
n
N
20
625000
0
0
25
781250
0
0
34
1062500
0
0
Table 13.5
Maximum Bit Rate with External Clock Input (Asynchronous Mode)
φ (MHz)
External Input Clock (MHz)
Maximum Bit Rate (bit/s)
20
5.0000
312500
25
6.2500
390625
34
8.0000
531250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com