Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 163 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 163 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 159Page - Renesas Technology Corp H8S/2472 Datasheet HTML 160Page - Renesas Technology Corp H8S/2472 Datasheet HTML 161Page - Renesas Technology Corp H8S/2472 Datasheet HTML 162Page - Renesas Technology Corp H8S/2472 Datasheet HTML 163Page - Renesas Technology Corp H8S/2472 Datasheet HTML 164Page - Renesas Technology Corp H8S/2472 Datasheet HTML 165Page - Renesas Technology Corp H8S/2472 Datasheet HTML 166Page - Renesas Technology Corp H8S/2472 Datasheet HTML 167Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 1250 page
background image
Section 6 Bus Controller (BSC)
Rev. 2.00 Aug. 20, 2008 Page 115 of 1198
REJ09B0403-0200
Bit
Bit Name
Initial
Value
R/W
Description
4
AST
1
R/W
Basic Extended Area Access State Control
Selects the number of states for access to the basic
extended area. This bit also enables or disables wait-state
insertion.
[ADMXE = 0] Normal extension
0: 2-state access space. Wait state insertion disabled
1: 3-state access space. Wait state insertion enabled
[ADMXE = 1] Address-data multiplex extension
0: 2-state data access space. Wait state insertion disabled
1: 3-state data access space. Wait state insertion
enabled
When the CS256E bit in SYSCR is set to 1, this bit setting
is ignored in access to the 256-Kbyte extended area.
3
2
WMS1
WMS0
0
0
R/W
R/W
Basic Extended Area Wait Mode Select 1 and 0
Selects the wait mode for access to the basic extended
area when the AST bit is set to 1.
00: Program wait mode
01: Wait disabled mode
10: Pin wait mode
11: Pin auto-wait mode
When the CS256E bit in SYSCR is set to 1, this bit setting
is ignored in access to the 256-Kbyte extended area.
1
0
WC1
WC0
1
1
R/W
R/W
Basic Extended Area Wait Count 1 and 0
Selects the number of program wait states to be inserted
when the basic extended area is accessed when the AST
bit is set to 1. The program wait state is only inserted into
data cycles.
00: Program wait state is not inserted
01: 1 program wait state is inserted
10: 2 program wait states are inserted
11: 3 program wait states are inserted
When the CS256E bit in SYSCR is set to 1, this bit setting
is ignored in access to the 256-Kbyte extended area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com