Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 166 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 166 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 162Page - Renesas Technology Corp H8S/2472 Datasheet HTML 163Page - Renesas Technology Corp H8S/2472 Datasheet HTML 164Page - Renesas Technology Corp H8S/2472 Datasheet HTML 165Page - Renesas Technology Corp H8S/2472 Datasheet HTML 166Page - Renesas Technology Corp H8S/2472 Datasheet HTML 167Page - Renesas Technology Corp H8S/2472 Datasheet HTML 168Page - Renesas Technology Corp H8S/2472 Datasheet HTML 169Page - Renesas Technology Corp H8S/2472 Datasheet HTML 170Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 1250 page
background image
Section 6 Bus Controller (BSC)
Rev. 2.00 Aug. 20, 2008 Page 118 of 1198
REJ09B0403-0200
6.4
Bus Control
6.4.1
Bus Specifications
The external address space bus specifications consist of three elements: bus width, the number of
access states, and the wait mode and the number of program wait states. The bus width and the
number of access states for on-chip memory and internal I/O registers are fixed, and are not
affected by the bus controller settings.
(1)
In Normal Extended Mode
(a)
Bus Width
A bus width of 8 or 16 bits can be selected via the ABW and ABW256 bits in WSCR.
(b)
Number of Access States
Two or three access states can be selected via the AST and AST256 bits in WSCR. When the 2-
state access space is designated, wait-state insertion is disabled.
In the burst ROM interface, the number of access states for the basic extended area is determined
regardless of the AST bit setting.
(c)
Wait Mode and Number of Program Wait States
When the basic extended area is specified as a 3-state access space by the AST bit in WSCR, the
wait mode and the number of program wait states to be inserted automatically is selected by the
WMS1, WMS0, WC1, and WC0 bits in WSCR. From 0 to 3 program wait states can be selected.
When the 256-Kbyte extended area is specified as a 3-state access space by the AST256 bit in
WSCR, the wait mode and the number of program wait states to be inserted automatically is
selected by the WMS10, WC11, and WC10 bits in WSCR2. From 0 to 3 program wait states can
be selected.
The wait function for external extension is effective for connecting low-speed devices to the
external address space. However, this wait function may cause some problems when the operation
of bus masters other than the CPU, such as the DTC are to be delayed.
Tables 6.2 to 6.5 show each bit setting and external address space division in the address ranges of
the external address space, and the bus specifications for the basic bus interface of each area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com