Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 165 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 165 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 161Page - Renesas Technology Corp H8S/2472 Datasheet HTML 162Page - Renesas Technology Corp H8S/2472 Datasheet HTML 163Page - Renesas Technology Corp H8S/2472 Datasheet HTML 164Page - Renesas Technology Corp H8S/2472 Datasheet HTML 165Page - Renesas Technology Corp H8S/2472 Datasheet HTML 166Page - Renesas Technology Corp H8S/2472 Datasheet HTML 167Page - Renesas Technology Corp H8S/2472 Datasheet HTML 168Page - Renesas Technology Corp H8S/2472 Datasheet HTML 169Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 1250 page
background image
Section 6 Bus Controller (BSC)
Rev. 2.00 Aug. 20, 2008 Page 117 of 1198
REJ09B0403-0200
• When ADMXE = 0
Bit
Bit Name
Initial
Value
R/W
Description
2 to 0
All 1
R/W
Reserved
• When ADMXE = 1
Bit
Bit Name
Initial
Value
R/W
Description
2
WC22
1
R/W
Address-Data Multiplex Extended Area Address Cycle
Wait Count 2
Selects the number of program wait states to be inserted
into the address cycle for access to the address-data
multiplex extended area.
0: Program wait state is not inserted
1: 1 program wait state is inserted in the address cycle
1, 0
All 1
R/W
Reserved
6.3.5
System Control Register 2 (SYSCR2)
SYSCR2 controls the address-data multiplex operation.
Bit
Bit Name
Initial Value
R/W
Description
7 to 4
All 0
R/W
Reserved
The initial value should not be changed.
3
ADMXE
0
R/W
Address-Data Multiplex Bus Interface Enable
0: Normal extended bus interface
1: Address data multiplex extended bus interface
2 to 0
All 0
R/W
Reserved
The initial value should not be changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com