Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 167 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 167 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 163Page - Renesas Technology Corp H8S/2472 Datasheet HTML 164Page - Renesas Technology Corp H8S/2472 Datasheet HTML 165Page - Renesas Technology Corp H8S/2472 Datasheet HTML 166Page - Renesas Technology Corp H8S/2472 Datasheet HTML 167Page - Renesas Technology Corp H8S/2472 Datasheet HTML 168Page - Renesas Technology Corp H8S/2472 Datasheet HTML 169Page - Renesas Technology Corp H8S/2472 Datasheet HTML 170Page - Renesas Technology Corp H8S/2472 Datasheet HTML 171Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 1250 page
background image
Section 6 Bus Controller (BSC)
Rev. 2.00 Aug. 20, 2008 Page 119 of 1198
REJ09B0403-0200
(d)
Glueless Extension
Setting the OBE bit in PTCNT0 selects glueless extension, which uses the
RD, WR, HBE, and
LBE signals to allow connection to the external space without adding an external circuit.
Table 6.2
Address Ranges and External Address Spaces
Area
Address Range
Basic Extended Area
256-Kbyte Extended Area
H'080000 to H'F7FFFF
(15 Mbytes)
: No condition
H'F80000 to H'FBFFFF
(256 Kbytes)
256-Kbyte extended area
∆: When CS256E = 0, used as
basic extended area.
When
WAIT pin function is not
selected while CS256E = 1,
CS256 is output and address
pins A17 to A0 are used.
H'FC0000 to H'FEFFFF
(192 Kbytes)
: No condition
H'FF0800 to H'FFBFFF
(46 Kbytes)
∆: When RAME = 0, used as
basic extended area.
H'FFC000 to H'FFDFFF
(8 Kbytes)
: No condition
H'FFE000 to H'FFE07F
(128 bytes)
: No condition.
H'FFE080 to H'FFEFFF
(3968 bytes)
∆: When RAME = 0, used as
basic extended area.
H'FFF000 to H'FFF7FF
(2 Kbytes)
No condition
When IOSE = 1,
IOS is
output and address pins A10
to A0 are used.
H'FFFF00 to H'FFFF7F
(128 bytes)
∆ When RAME = 0, used as
basic extended area.
[Legend]
:
This address range is unconditionally accessed as the basic extended area.
∆:
Condition for making this address range accessed as the basic extended area.
:
This address range cannot be used as part of a 256-Kbyte extended area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com