Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 168 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 168 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 164Page - Renesas Technology Corp H8S/2472 Datasheet HTML 165Page - Renesas Technology Corp H8S/2472 Datasheet HTML 166Page - Renesas Technology Corp H8S/2472 Datasheet HTML 167Page - Renesas Technology Corp H8S/2472 Datasheet HTML 168Page - Renesas Technology Corp H8S/2472 Datasheet HTML 169Page - Renesas Technology Corp H8S/2472 Datasheet HTML 170Page - Renesas Technology Corp H8S/2472 Datasheet HTML 171Page - Renesas Technology Corp H8S/2472 Datasheet HTML 172Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 1250 page
background image
Section 6 Bus Controller (BSC)
Rev. 2.00 Aug. 20, 2008 Page 120 of 1198
REJ09B0403-0200
Table 6.3
Bit Settings and Bus Specifications of Basic Bus Interface
Areas
BRSTRM
CS256E
Basic Extended Area
256-Kbyte Extended Area
0
Used as basic extended area
0
1
Basic extended area
ABW, AST,
WMS1, WMS0,
WC1, WC0
ABW256, AST256, WMS10,
WC11, WC10
0
Used as burst ROM interface
1
1
Burst ROM interface*
ABW, AST, WMS0, WC1, WC0,
BRSTS1, BRSTS0
ABW256, AST256, WMS10,
WC11, WC10
Note:
*
In the burst ROM interface, the bus width is specified by the ABW bit in WSCR, the
number of full access states (wait can be inserted) is specified by the AST bit in WSCR,
and the number of access cycles in burst access is specified regardless of the AST bit
setting.
Table 6.4
Bus Specifications for Basic Extended Area/Basic Bus Interface
Bus Specifications
ABW
AST
WMS1
WMS0
WC1
WC0
Bus Width
Number of
Access
States
Number of
Program
Wait
States
0
X
X
X
X
16
2
0
0
1
X
X
3
0
0
0
0
1
1
0
2
0
1
Other than
WMS1 = 0 and
WMS0 = 1
1
1
16
3
3
0
X
X
X
X
8
2
0
0
1
X
X
3
0
0
0
0
1
1
0
2
1
1
Other than
WMS1 = 0 and
WMS0 = 1
1
1
8
3
3
[Legend]
X:
Don't care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com