Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 170 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 170 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 166Page - Renesas Technology Corp H8S/2472 Datasheet HTML 167Page - Renesas Technology Corp H8S/2472 Datasheet HTML 168Page - Renesas Technology Corp H8S/2472 Datasheet HTML 169Page - Renesas Technology Corp H8S/2472 Datasheet HTML 170Page - Renesas Technology Corp H8S/2472 Datasheet HTML 171Page - Renesas Technology Corp H8S/2472 Datasheet HTML 172Page - Renesas Technology Corp H8S/2472 Datasheet HTML 173Page - Renesas Technology Corp H8S/2472 Datasheet HTML 174Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 1250 page
background image
Section 6 Bus Controller (BSC)
Rev. 2.00 Aug. 20, 2008 Page 122 of 1198
REJ09B0403-0200
(2)
In Address-Data Multiplex Extended Mode
(a)
Bus Width
A bus width of 8 or 16 bits can be selected via the ABW and ABW256 bits in WSCR.
(b)
Number of Access States
Two or three states can be selected for data access via the AST and AST256 bits in WSCR. When
the 2-state access space is designated, wait-state insertion is disabled.
(c)
Wait Mode and Number of Program Wait States
• IOS Extended Area
When the IOS extended area is specified as a 3-state access space by the AST bit in WSCR,
the wait mode and the number of program wait states to be inserted automatically is selected
by the WMS1, WMS0, WC1, and WC0 bits in WSCR. Zero or one program wait state can be
inserted into address cycle. From zero to three program wait states can be selected for data
cycle.
• 256-Kbyte Extended Area
When the 256-Kbyte extended area is specified as a 3-state access space by the AST256 bit in
WSCR, the wait mode and the number of program wait states to be inserted automatically is
selected by the WMS10, WC11, and WC10 bits in WSCR2. Zero or one program wait state
can be inserted into address cycle. From zero to three program wait states can be selected for
data cycle.
The wait function for external extension is effective for connecting low-speed devices to the
external address space. However, this wait function may cause some problems when the operation
of bus masters other than the CPU, such as the DTC, are to be delayed.
Tables 6.6 to 6.11 show address-data multiplex address space and the bus specifications for the
basic bus interface of each area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com