Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 309 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 309 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 305Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 306Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 307Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 308Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 309Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 310Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 311Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 312Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 313Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 332 page
background image
Chapter 16
Thermal Design
291
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
Socketed Installation:
Case-to-Ambient
Thermal Resistance
Table 69 and Figure 105 show the measured values for the case-
to-ambient thermal resistance (
qCA in °C/watt) at different
levels of airflow in the system for the low-power embedded
AMD-K6-2E processors with a maximum thermal power
diss ipation of 10.0 watts (OPN s: AMD-K6-2E/266AMZ,
AM D-K6 -2 E / 300 AMZ , an d AMD - K6 -2 E/ 3 3 3 A M Z) an d a
maximum case temperature rating of 85°C, in the 321-pin
Ceramic Pin Grid Array package (CPGA) when installed into a
socket.
Figure 105. Measured Thermal Resistance v. Airflow (Socketed 321-Pin CPGA Package)
Table 69. Socketed CPGA Package: Measured Thermal Resistance (°C/W)
qJC and qCA
Heatsink Type
qJC (°C/W)
qCA (°C/W) v. Airflow (m/s)
0.0 m/s
1.0 m/s
2.0 m/s
3.0 m/s
4.0 m/s
No Heatsink
1.09.1
7.56.1
4.74.0
A (15 mm)
1.0
6.5
4.3
3.1
2.6
2.3
B (20 mm)
1.0
5.7
3.8
2.7
2.3
2.0
C (30 mm)
1.0
4.7
2.8
1.8
1.5
1.3
0
1
2
3
4
5
6
7
8
9
10
01
2
3
4
Airflow Rate (m/s)
None
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com