Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 22 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 18Page - NXP Semiconductors FS26 Datasheet HTML 19Page - NXP Semiconductors FS26 Datasheet HTML 20Page - NXP Semiconductors FS26 Datasheet HTML 21Page - NXP Semiconductors FS26 Datasheet HTML 22Page - NXP Semiconductors FS26 Datasheet HTML 23Page - NXP Semiconductors FS26 Datasheet HTML 24Page - NXP Semiconductors FS26 Datasheet HTML 25Page - NXP Semiconductors FS26 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
13.2 Operating range
FS26 operation range is divided in subranges with its own specificities:
• No Operation means the device is not providing the expected functionality or is shut down.
• Low Voltage Extended Operation means the device remains functional but with reduced electrical
performance.
– VPRE may be in drop out mode. VPRE output voltage may decrease below its nominal value and the
transient load will be degraded.
• Full Operation means the device is providing the expected functionality with full electrical performance within
the limits of the data sheet and within the operating mission profile of the safety manual.
• High-voltage Extended Operation means the device is providing the expected functionality with full electrical
performance within the limits of the data sheet but for a limited period of time. This could occur during load
dump or double-battery jump-start events, for example.
• Electrical Characteristics not guaranteed means the device remains functional, but with reduced electrical
performance.
– In Low-power mode, the quiescent current will increase.
– In normal mode, the VPRE thermal limitation may trigger the thermal shutdown. VPRE transient load will be
degraded.
• Risk of damage means the device is overstressed, with a risk of damage to the device.
The ranges are shown in Figure 8 and Figure 9.
13.2.1 Operating range in Normal mode
The FS26 device supports two distinct topologies for boost converter configuration, giving two distinct operating
ranges for the input voltage. When the boost is used as a front-end regulator, a wider input supply range
is supported. When the boost is used as a back-end regulator or is not used, VSUP and VSUP_PWR must be
VPRE_HDR higher than the VPRE output voltage VPRE (VPRE_PWM and / or VPRE_PFM) to ensure full parametric
operation.
Figure 8 describes the supply range of the FS26 with or without the boost used as a front-end or back-end
regulator. Front-end topology should be used to support cold-crank events on the battery input. In the back-end
configuration, full operation is guaranteed when VSUP is higher than VPRE_PWM + VPRE_HDR. (See Section 18.2
for VPRE_HDR).
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
22 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com