Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 30 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 26Page - NXP Semiconductors FS26 Datasheet HTML 27Page - NXP Semiconductors FS26 Datasheet HTML 28Page - NXP Semiconductors FS26 Datasheet HTML 29Page - NXP Semiconductors FS26 Datasheet HTML 30Page - NXP Semiconductors FS26 Datasheet HTML 31Page - NXP Semiconductors FS26 Datasheet HTML 32Page - NXP Semiconductors FS26 Datasheet HTML 33Page - NXP Semiconductors FS26 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
state entry can be disabled by setting MDFS_DIS_OTP = 1 and DFS_DIS_OTP = 1, transition request
sources listed hereafter will be ignored, however the safety pins are asserted accordingly with fault sources
and reactions configuration.
Below is an exhaustive list of conditions that put the FS26 in the Deep Fail Safe state:
• RSTB pin is sensed to low level for a time longer than 8 seconds.
• Too many faults occur: fault error counter reaches its programmed limit (FLT_ERR_CNT[3:0] =
@FLT_ERR_CNT_LIMIT[1:0]).
• When FAULT_DFS_EN_OTP = 1 the device enters the Deep Fail Safe state upon detection of an RSTB or
FS0B fault, regardless of the actual states of the RSTB or FS0B pins.
• VPRE output voltage crosses VPRE_OVP threshold for a time longer than tPRE_OVP.
• Each regulator is disabled when an overtemperature event is detected, that is thermal shutdown (TSD).
Additionally, the TSD event can be configured with M_TSD_CFG register to lead device to Deep Fail Safe
state (for instance VPRETSD_I = 1 and VPRETDFS = 1).
Below is an exhaustive list of conditions that make the device leave the Deep Fail Safe state for the load fuse
state:
• WAKE1 event: resumes if WK1DFS_DIS_OTP = 0 and WAKE1 pin is toggled from low to high or from high to
low logic level.
• Infinite auto-retry mode: the FS26 makes attempts to resume periodically and RETRY_CNT[7:0] increments
every try. Once the RETRY_CNT[7:4] reaches the RETRY_MSK_OTP[3:0] value, the RETRY_CNT[7:0] time
value is clamped and retries occur infinitely to the last clamped retry frequency (RETRY_MSK_OTP[3:0]) until
a valid resume condition is detected. The OTP configuration to select this mode is RETRY_DIS_OTP = 0 and
RETRY_MODE_OTP = 1.
• Limited auto-retry mode: the FS26 makes attempts to resume while RETRY_CNT[7:4] is smaller than
RETRY_MSK_OTP[3:0]. When the RETRY_CNT[7:4] reaches the RETRY_MSK_OTP[3:0] value, the
FS26 stays in the Deep Fail Safe state until a power-on reset event occurs (VBOS < VBOS_POR). The OTP
configuration to select this mode is RETRY_DIS_OTP = 0 and RETRY_MODE_OTP = 0.
Example: the first time the device enters Deep Fail Safe state, it will try to exit this state every 100 ms, and
RETRY_CNT[7:0] increments at each attempt. After 16 consecutive failed attempts, RETRY_CNT[7:4]
increments and the counter uses the next value of 200 ms, and so on, until RETRY_CNT[7:4] =
RETRY_MSK_OTP[3:0].
Note: the retry counter RETRY_CNT[7:0] is divided in two parts. RETRY_CNT[7:4] represents the timing
the counter is currently using (100 ms, 200 ms, and so on) and RETRY_CNT[3:0] is the number of attempts
performed at the current used timing. RETRY_CNT[7:0] can be read as the total number of attempts performed
by the device since the first Deep Fail Safe entry.
15.2 Application flowchart
In an application, the debug pin is connected to ground and a watchdog refresh is required as soon as the
initialization phase is closed. The system enters normal mode once the safety outputs are released. Figure 14 is
a high-level flowchart illustrating entry into normal mode in the application.
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
30 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com