Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 84 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 84 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 80Page - NXP Semiconductors FS26 Datasheet HTML 81Page - NXP Semiconductors FS26 Datasheet HTML 82Page - NXP Semiconductors FS26 Datasheet HTML 83Page - NXP Semiconductors FS26 Datasheet HTML 84Page - NXP Semiconductors FS26 Datasheet HTML 85Page - NXP Semiconductors FS26 Datasheet HTML 86Page - NXP Semiconductors FS26 Datasheet HTML 87Page - NXP Semiconductors FS26 Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
Bit
Bit Group Name
Description
Value
Settings
0h
Disabled
3
WK2PD_OTP
WAKE2 pull-down
RPD_WAKE
1h
Enabled
0h
Disabled
2
WK1PD_OTP
WAKE1 pull-down
RPD_WAKE
1h
Enabled
0h
Low-voltage threshold
1
WK2TH_OTP
WAKE2 detection threshold
VIL_WAKEx / VIH_WAKEx
1h
High-voltage threshold
0h
Low-voltage threshold
0
WK1TH_OTP
WAKE1 detection threshold
VIL_WAKEx / VIH_WAKEx
1h
High-voltage threshold
Table 95. OTP_INPUT_CFG register bit description...continued
Go to main OTP configuration map
17.2.28 OTP_PROG_IDH
Bit
Bit Group Name
Description
Value
Settings
00h
A
01h
B
02h
C
03h
D
04h
E
05h
F
06h
G
07h
H
08h
J
09h
K
0Ah
L
0Bh
M
0Ch
N
0Dh
P
0Eh
Q
0Fh
R
10h
S
11h
T
12h
U
13h
V
14h
W
15h
X
16h
Y
7 to 0
PROG_IDH_OTP[7:0]
Program ID high decoding
17h
Z
Table 96. OTP_PROG_IDH register bit description
Go to main OTP configuration map
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
84 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com