Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 50 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 50 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 46Page - NXP Semiconductors FS26 Datasheet HTML 47Page - NXP Semiconductors FS26 Datasheet HTML 48Page - NXP Semiconductors FS26 Datasheet HTML 49Page - NXP Semiconductors FS26 Datasheet HTML 50Page - NXP Semiconductors FS26 Datasheet HTML 51Page - NXP Semiconductors FS26 Datasheet HTML 52Page - NXP Semiconductors FS26 Datasheet HTML 53Page - NXP Semiconductors FS26 Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
16.2.7 M_REG_MSK
Bit
15
14
13
12
11
10
9
8
Write
0
0
0
0
0
0
0
VBSTOV_M
Read
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
VBSTOV_M
Reset
0
0
0
0
0
0
0
0
Table 28. M_REG_MSK register bit allocation
Bit
7
6
5
4
3
2
1
0
Write
VPREUVH_M
VBSTOC_M
VPREOC_M
TRK2OC_M
TRK1OC_M
COREOC_M
LDO2OC_M
LDO1OC_M
Read
VPREUVH_M
VBSTOC_M
VPREOC_M
TRK2OC_M
TRK1OC_M
COREOC_M
LDO2OC_M
LDO1OC_M
Reset
0
0
0
0
0
0
0
0
Go to main register map
Bit
Symbol
Value
Description
Inhibit interrupt (INTB pulse) related to VBSTOV_I event
0h
Interrupt NOT MASKED (default)
1h
Interrupt MASKED
8
VBSTOV_M
Reset on power-on reset (POR_M)
Inhibit interrupt (INTB pulse) related to VPREUVH_I event
0h
Interrupt NOT MASKED (default)
1h
Interrupt MASKED
7
VPREUVH_M
Reset on power-on reset (POR_M)
Inhibit interrupt (INTB pulse) related to VBSTOC_I event
0h
Interrupt NOT MASKED (default)
1h
Interrupt MASKED
6
VBSTOC_M
Reset on power-on reset (POR_M)
Inhibit interrupt (INTB pulse) related to VPREOC_I event
0h
Interrupt NOT MASKED (default)
1h
Interrupt MASKED
5
VPREOC_M
Reset on power-on reset (POR_M)
Inhibit interrupt (INTB pulse) related to TRK2OC_I event
0h
Interrupt NOT MASKED (default)
1h
Interrupt MASKED
4
TRK2OC_M
Reset on power-on reset (POR_M)
Inhibit interrupt (INTB pulse) related to TRK1OC_I event
0h
Interrupt NOT MASKED (default)
1h
Interrupt MASKED
3
TRK1OC_M
Reset on power-on reset (POR_M)
Inhibit interrupt (INTB pulse) related to COREOC_I event
0h
Interrupt NOT MASKED (default)
1h
Interrupt MASKED
2
COREOC_M
Reset on power-on reset (POR_M)
Table 29. M_REG_MSK register bit description
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
50 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com