Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 60 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 56Page - NXP Semiconductors FS26 Datasheet HTML 57Page - NXP Semiconductors FS26 Datasheet HTML 58Page - NXP Semiconductors FS26 Datasheet HTML 59Page - NXP Semiconductors FS26 Datasheet HTML 60Page - NXP Semiconductors FS26 Datasheet HTML 61Page - NXP Semiconductors FS26 Datasheet HTML 62Page - NXP Semiconductors FS26 Datasheet HTML 63Page - NXP Semiconductors FS26 Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
Bit
Symbol
Value
Description
Configure GPIO2 state in standby mode
0h
Follow the power down slot configuration
1h
Keep GPIO2 in the same state as it was in normal mode
13
GPIO2LP_ON
Reset on power-on reset (POR_M),
Configure GPIO1 state in standby mode and in LPOFF mode
0h
Follow the power down slot configuration
1h
Keep GPIO1 in the same state as it was in normal mode
12
GPIO1LP_ON
Reset on power-on reset (POR_M),
Request GPIO2 pin high
0h
No effect (GPIO2 remains in current state)
1h
GPIO2 set high
9
GPIO2HI
Reset on power-on reset (POR_M), self-cleared
Request GPIO1 pin high
0h
No effect (GPIO1 remains in current state)
1h
GPIO1 set high
8
GPIO1HI
Reset on power-on reset (POR_M), self-cleared
VREF enable request
0h
No effect (regulator remain in its current state)
1h
VREF enable request
7
VREFEN
Reset on power-on reset (POR_M), self-cleared
VBST enable request
0h
No effect (regulator remain in its current state)
1h
VBST enable request
6
VBSTEN
Reset on power-on reset (POR_M), self-cleared
TRK2 enable request
0h
No effect (regulator remain in its current state)
1h
TRK2 enable request
4
TRK2EN
Reset on power-on reset (POR_M), self-cleared
TRK1 enable request
0h
No effect (regulator remain in its current state)
1h
TRK1 enable request
3
TRK1EN
Reset on power-on reset (POR_M), self-cleared
VCORE enable request
0h
No effect (regulator remain in its current state)
1h
VCORE enable request
2
COREEN
Reset on power-on reset (POR_M), self-cleared
LDO2 enable request
0h
No effect (regulator remain in its current state)
1h
LDO2 enable request
1
LDO2EN
Reset on power-on reset (POR_M), self-cleared
LDO1 enable request
0h
No effect (regulator remain in its current state)
1h
LDO1 enable request
0
LDO1EN
Reset on power-on reset (POR_M), self-cleared
Table 51. M_REG_CTRL1 register bit description
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
60 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com