Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 73 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 69Page - NXP Semiconductors FS26 Datasheet HTML 70Page - NXP Semiconductors FS26 Datasheet HTML 71Page - NXP Semiconductors FS26 Datasheet HTML 72Page - NXP Semiconductors FS26 Datasheet HTML 73Page - NXP Semiconductors FS26 Datasheet HTML 74Page - NXP Semiconductors FS26 Datasheet HTML 75Page - NXP Semiconductors FS26 Datasheet HTML 76Page - NXP Semiconductors FS26 Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
Bit
Bit Group Name
Description
Value
Settings
13h
12.5 V
14h
13.0 V
15h
13.5 V
16h
14.0 V
17h
14.5 V
18h
15.0 V
19h
15.5 V
1Ah
16.0 V
1Bh
16.5 V
1Ch
17.0 V
1Dh
17.5 V
1Eh
18.0 V
1Fh
18.0 V
Table 75. OTP_VBST_VOLT register bit description...continued
Go to main OTP configuration map
17.2.8 OTP_VPRE_CFG1
Bit
Bit Group Name
Description
Value
Settings
0h
0.66 A
1h
0.88 A
2h
1.1 A
3h
1.32 A
4h
1.54 A
5h
1.76 A
6h
1.98 A
7 to 5
VPRE_OC_OTP[2:0]
VPRE overcurrent flag
IPRE_OC_FLAG
7h
2.2 A
0h
2 ns - Fast mode
4
VPRE_SR_OTP
VPRE LX slew rate
tPRESW_SLR
1h
4 ns - Slow mode
0h
No delay
1h
1 clock cycle
2h
2 clock cycles
3 to 2
VPRE_PH_OTP[1:0]
VPRE phase delay
3h
3 clock cycles
0h
269 µs
1h
538 µs
2h
1077 µs
1 to 0
VPRE_SS_OTP[1:0]
VPRE soft start
tPRE_SS
3h
2150 µs
Table 76. OTP_VPRE_CFG1 register bit description
Go to main OTP configuration map
17.2.9 OTP_VPRE_CFG2
Bit
Bit Group Name
Description
Value
Settings
0h
1300 kΩ
6 to 4
VPRE_RCOMP_OTP[2:0]
VPRE comp resistance
1h
1137 kΩ
Table 77. OTP_VPRE_CFG2 register bit description
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
73 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com