Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 26 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 22Page - NXP Semiconductors FS26 Datasheet HTML 23Page - NXP Semiconductors FS26 Datasheet HTML 24Page - NXP Semiconductors FS26 Datasheet HTML 25Page - NXP Semiconductors FS26 Datasheet HTML 26Page - NXP Semiconductors FS26 Datasheet HTML 27Page - NXP Semiconductors FS26 Datasheet HTML 28Page - NXP Semiconductors FS26 Datasheet HTML 29Page - NXP Semiconductors FS26 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
14.1 Total battery current consumption estimation in Standby mode
The standby mode current consumption can be estimated using Figure 10 and Figure 11 at TA = 25 °C and TA =
85 °C, depending on the use case. The measurements were made with the following assumptions:
• VSUP = VSUP_PWR = 12 V.
• LPRE = 10 µH
• Long Duration Timer disabled.
• GPIOx disabled in standby.
• RSTB released and pulled up to VPRE.
• FS0B = 0 and FS1B = 0, pulled up to a disabled supply in standby mode.
• All regulators unloaded.
(µA)
IQ_Battery
_STBY
[1],[2]
VPREPFM (V)
3.20
5.45
4.95
5.20
4.20
4.45
4.70
3.45
3.70
3.95
aaa-045508
28
32
24
36
40
20
TA = 85 °C
TA = 25 °C
Figure 10. Battery current consumption in standby mode (LDO1 and LDO2 disabled)
VPREPFM (V)
3.65
5.65
5.05
5.25
4.25
4.05
4.85
4.45
4.65
3.85
aaa-045509
4
2
6
8
ILDOx_
_STBY
[1],[2]
(µA)
0
TA = 85 °C - VLDOx = 5 V
TA = 25 °C - VLDOx = 5 V
TA = 25 °C - VLDOx = 3.3 V
TA = 85 °C - VLDOx = 3.3 V
Figure 11. LDOx current consumption in standby mode
When LDOx is used at 5 V, VPRE output voltage in standby mode must be 5.35 V to comply with the LDOx
minimum dropout voltage. 1 2
1
In standby mode VBAT current is reduced, due to the ratio between VBAT and VPRE voltages.
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
26 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com