Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 90 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 90 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 86Page - NXP Semiconductors FS26 Datasheet HTML 87Page - NXP Semiconductors FS26 Datasheet HTML 88Page - NXP Semiconductors FS26 Datasheet HTML 89Page - NXP Semiconductors FS26 Datasheet HTML 90Page - NXP Semiconductors FS26 Datasheet HTML 91Page - NXP Semiconductors FS26 Datasheet HTML 92Page - NXP Semiconductors FS26 Datasheet HTML 93Page - NXP Semiconductors FS26 Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
TA = –40 °C to 125 °C, unless otherwise specified. VSUP_UVH < VSUP < 36 V, VPRE_PWM + VPRE_HDR < VSUP_PWR < 36 V, unless otherwise specified. All voltages
are referenced to ground.
Symbol
Description
Min
Typ
Max
Unit
VPRE_LINE_REG_2M2_PWM
Transient line in PWM mode with FPRE = 2.25 MHz
VBAT = 6 V - 18 V - 6 V and 14 V - 35 V - 14 V
IPRE_PWM = 0 A and 1.5 A for VPRE_PWM = 3.3 V
IPRE_PWM = 0 A and 0.6 A for VPRE_PWM = 5.0 V
dV/dt = 100 mV/µs, LPRE = 2.2 μH,
CIN_PRE = 47 µF + PI filter, COUT_PRE = 44 μF
-1.5
—
1.5
%
VPRE_LINE_REG_2M2_DO
Transient line after drop out exit FPRE = 2.25 MHz
VBAT = VPRE_PWM - 0.4 V to 14 V
IPRE_PWM = 0 A and 0.6 A for VPRE_PWM = 5.0 V
dV/dt = 100 mV/µs, LPRE = 2.2 μH,
CIN_PRE = 47 µF + PI filter, COUT_PRE = 44 μF
-3
—
3
%
VPRE_LOTR_2M2_PWM
Transient load response in PWM mode FPRE = 2.25 MHz
10 mA to 800 mA step and 800 mA to 10 mA step
800 mA to 1.5 A step and 1.5 A to 800 mA step
di/dt = 300 mA/µs, COUT_PRE ≥ 22 µF, LPRE = 2.2 µH
-3
—
3
%
VPRE_LINE_REG_450K_PFM_HV[1]
Transient line in PFM mode with FPRE = 450 kHz
VBAT = 12 V - 28 V – 12 V
VPRE_PFM_TON_OTP[1:0] = 10
IPRE_PWM = 10 µA and 10 mA for VPRE_PFM = 5.05 V
dV/dt = 100 mV/µs, LPRE = 10 μH,
CIN_PRE = 47 µF + PI filter, COUT_PRE = 44 μF
-3
—
3
%
VPRE_LINE_REG_450K_PFM_LV[1]
Transient line in PFM mode with FPRE = 450 kHz
VBAT = 12 V - 28 V – 12 V
VPRE_PFM_TON_OTP[1:0] = 10
IPRE_PFM = 10 µA and 10 mA for VPRE_PFM = 5.05 V
dV/dt = 100 mV/µs, LPRE = 10 μH,
CIN_PRE = 47 µF + PI filter, COUT_PRE = 44 μF
-3
—
3
%
VPRE_LINE_REG_450K_PFM_
DO
[1]
Transient line after drop out exit with FPRE = 450 kHz
VBAT = VPRE - 0.4 V to 12 V
VPRE_PFM_TON_OTP[1:0] = 10
IPRE_PFM = 10 µA and 10 mA for VPRE_PFM = 5.05 V
dV/dt = 100 mV/µs, LPRE = 2.2 μH,
CIN_PRE = 47 µF + PI filter, COUT_PRE = 44 μF
-3
—
3
%
VPRE_LOTR_450K_PFM_150m[1]
Transient load response in PFM mode with FPRE = 450 kHz
10 mA to 100 mA step and 100 mA to 10 mA step
di/dt = 300 mA/µs, COUT_PRE ≥ 22 µF, LPRE = 10 µH
VPRE_PFM_TON_OTP[1:0] = 10
-3
—
3
%
VPRE_LOTR_450K_PFM_10m[1]
Transient load response in PFM mode with FPRE = 450 kHz
VSUP = VSUP_PWR = 5.4 V, VPRE = 5.05 V
10 µA to 10 mA step and 10 mA to 10 µA step
di/dt = 10 mA/µs, COUT_PRE ≥ 22 µF, LPRE = 10 µH
VPRE_PFM_TON_OTP[1:0] = 10
-1.5
—
1.5
%
VPRE_LINE_REG_2M2_PFM_HV[1]
Transient line in PFM mode with FPRE = 2.25 MHz
VBAT = 12 V - 28 V – 12 V
VPRE_PFM_TON_OTP[1:0] = 10
IPRE_PFM = 10 µA and 10 mA for VPRE_PFM = 5.05 V
dV/dt = 100 mV/µs, LPRE = 2.2 μH,
CIN_PRE = 47 µF + PI filter, COUT_PRE = 44 μF
-3
—
3
%
VPRE_LINE_REG_2M2_PFM_LV[1]
Transient line in PFM mode with FPRE = 2.25 MHz
VBAT = 6 V - 12 V – 6 V
VPRE_PFM_TON_OTP[1:0] = 10
IPRE_PFM = 10 µA and 10 mA for VPRE_PFM = 5.05 V
dV/dt = 100 mV/µs, LPRE = 2.2 μH,
CIN_PRE = 47 µF + PI filter, COUT_PRE = 44 μF
-3
—
3
%
Table 100. VPRE electrical characteristics...continued
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
90 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com