Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 86 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 86 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 82Page - NXP Semiconductors FS26 Datasheet HTML 83Page - NXP Semiconductors FS26 Datasheet HTML 84Page - NXP Semiconductors FS26 Datasheet HTML 85Page - NXP Semiconductors FS26 Datasheet HTML 86Page - NXP Semiconductors FS26 Datasheet HTML 87Page - NXP Semiconductors FS26 Datasheet HTML 88Page - NXP Semiconductors FS26 Datasheet HTML 89Page - NXP Semiconductors FS26 Datasheet HTML 90Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
18 Power management
18.1 BOS: best of supply regulator for internal biasing
The BOS regulator manages the Best Of Supply (BOS) from VSUP or VPRE to efficiently generate 5.0 V
output and to supply the internal biasing of the device. BOS supplies the high-side and low-side gate drivers of
switching regulators.
The VBOS_UVL detection threshold powers down the device.
When the device is starting up, BOS voltage, which is supplied by VSUP until normal mode state, needs to rise
above the VBOS_UVH threshold to move to load fuse state.
The BOS_IN_OTP[1:0] bits define the BOS supply voltage source when the device is in normal mode state:
• When the VPRE output voltage setting is above or equal to 5.0 V, it is recommended to BOS_IN_OTP[1:0] =
00 (auto transition). This setting will ensure an optimized power dissipation of the internal biasing.
• When the VPRE output voltage setting is below 5.0 V, it is recommended to have the BOS_IN_OTP[1:0] = 01
(force VBOS_IN = VSUP). This setting is not optimized for BOS power dissipation but will guarantee correct
operation of all switching mode power supplies (SMPS).
TA = –40 °C to 125 °C, unless otherwise specified. VSUP_UVH < VSUP < 36 V, VPRE_PWM + VPRE_HDR < VSUP_PWR < 36 V, unless otherwise specified. All voltages
are referenced to ground.
Symbol
Description
Min
Typ
Max
Unit
Static electrical characteristics
VBOS_NORM
VBOS voltage range in normal mode
(VSUP > 4.5 V and VPRE_PWM > VPRE_UVBOS)
VPRE_UVBOS
- 0.2
5
5.5
V
VBOS_STBY
VBOS voltage range in standby mode
(VSUP > 4.5 V, 3.7 V < VPRE_PFM < 35 V)
VPRE_PFM
- 0.2
—
VPRE_PFM
V
VBOS_LPOFF
VBOS voltage range in LPOFF mode
(VSUP > 4.5 V)
2.9
4.5
5.5
V
VBOS_UVH
VBOS undervoltage threshold (rising edge)
3.8
4.0
4.2
V
VBOS_UVL
VBOS undervoltage threshold (falling edge)
3
3.2
3.4
V
VBOS_POR
VBOS power-on reset threshold
2.5
—
3.2
V
VDIG_POR
VDIG power-on reset threshold (POR_M condition)
1.35
—
1.54
V
VDIG_FS_POR
VDIG_FS power-on reset threshold (POR_FS condition)
1.35
—
1.54
V
External components
BOS output capacitor at VBOS pin
CBOS_OUT
Nominal[1] value
Effective[2] value
4.7
3.3
4.7
—
4.7
6.1
µF
VDIG output capacitor
CDIG_OUT
Nominal[1] value
Effective[2] value
1
0.75
1
—
1
1.25
µF
Table 98. BOS electrical characteristics
[1]
For all regulators, the nominal value is the value normalized.
[2]
For all regulators, the effective value is the value after tolerance, temperature, DC bias and aging removal.
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
86 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com