Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 36 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 32Page - NXP Semiconductors FS26 Datasheet HTML 33Page - NXP Semiconductors FS26 Datasheet HTML 34Page - NXP Semiconductors FS26 Datasheet HTML 35Page - NXP Semiconductors FS26 Datasheet HTML 36Page - NXP Semiconductors FS26 Datasheet HTML 37Page - NXP Semiconductors FS26 Datasheet HTML 38Page - NXP Semiconductors FS26 Datasheet HTML 39Page - NXP Semiconductors FS26 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
aaa-045458
VBAT
VBOS
VDIG
SLOT_7
SLOT_6
SLOT_1
SLOT_0
VPRE
VBST
RSTB
LPOFF SPI request
5x TSLOT
TSLOT
TSLOT
TSLOT
Figure 19. Power-down example with VBST as front-end supply
15.5 Wake-up sources
The FS26 has several selectable wake-up sources from the Low-power modes:
• WAKEx pin:
– The WAKEx pins can be configured to detect wake-up events internal or external to the ECU.
– The WAKEx pins can detect wake-up event on high level or low level.
• GPIOx pin:
– The GPIOx pins can be configured as inputs to detect wake-up events internal to the ECU.
– The GPIOx pins can detect wake-up event on high level or low level.
• SPI chip select wake-up (only when VDDIO is supplied):
– When the SPI wake up is enabled, the device wakes up with any activity on the SPI bus (transition from high
to low of CSB pin).
– In case of a SPI wake up, the first SPI command is ignored, and the FS26 will be able to respond to the
subsequent SPI commands after 1.5 ms.
• Long Duration Timer (LDT) expired:
– Wake up from the LDT is available (part number dependent).
– When the LDT is enabled, it can be configured to generate a wake-up event when the timer expires. This
feature allows the system to perform cyclic system verifications while it is in the Low-power mode.
15.6 SPI communication
The FS26 uses a 32-bit SPI, with the following arrangement:
MOSI (Main Out, Secondary In) bits:
• Bit 31: Main or fail-safe registers selection
• Bits 30 to 25: Register address
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
36 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com