Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 29 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 25Page - NXP Semiconductors FS26 Datasheet HTML 26Page - NXP Semiconductors FS26 Datasheet HTML 27Page - NXP Semiconductors FS26 Datasheet HTML 28Page - NXP Semiconductors FS26 Datasheet HTML 29Page - NXP Semiconductors FS26 Datasheet HTML 30Page - NXP Semiconductors FS26 Datasheet HTML 31Page - NXP Semiconductors FS26 Datasheet HTML 32Page - NXP Semiconductors FS26 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
15 General device operation
15.1 Functional device operation and power modes
FS26 operation is divided in two independent logic blocks to achieve best-in-class functional safety coverage.
The main state machine manages the power management, the Low-power modes, and the wake-up sources,
while the fail-safe state machine manages the monitoring of the power management, the monitoring of the
microcontroller, and the monitoring of an external IC with ERRMON.
The FS26 provides three main operating modes:
• Normal mode is intended to be the fully functional mode. All power supplies are enabled as required by the
system, and all system functionality provided by the FS26 is available. During normal mode, the fail-safe state
machine is available and providing full monitoring and operation of all the safety features in the device.
• Standby mode is intended to be the Low-power ON mode, providing support to the minimum system
requirements with low current consumption from the battery. During the standby mode, only the VPRE
remains enabled to supply the microcontroller I/O rails. LDO1 and LDO2 can be enabled in this mode
depending on the OTP configuration. GPIO1 and GPIO2 can remain at the same state as in normal mode,
depending on the SPI configuration. standby mode is assumed to be a safe state with no critical activity, and
therefore the fail-safe state machine is disabled to achieve minimum current consumption by the system.
• LPOFF mode is intended to be the Low-power OFF mode, with no active system supplies except GPIO1,
which can remain enabled. Logic circuitry is internally supplied to allow proper wake up from any of the
available wake-up mechanisms, with the minimum current consumption possible.
The system can wake up from any of the Low-power modes via any of the following selectable wake-up
mechanisms available in the device (availability is dependent on part number):
• WAKE1 and WAKE2 pins
• GPIO1 and GPIO2 pins
• Long-duration timer (LDT) expiration
• SPI activity via edge detection of the CSB pin
Table 10 summarizes the operating modes and available features:
Power supply state
Wake-up sources and capabilities
Operating
mode
VPRE
LDOx
GPIOx
VBST, VCORE
TRK1, TRK2, VREF
WAKEx,
GPIOx
LDT
MCU
Normal mode
PWM, ON
ON
(Optional)
ON
(Optional)
N/A
N/A
N/A
Standby mode
PFM, ON
ON
(Optional)
OFF
YES
YES
(Optional)
YES
LPOFF mode
OFF
OFF
(GPIO1 optional)
OFF
YES
YES
(Optional)
NO
Table 10. Operating modes summary
The FS26 can also move to or through these two states:
• Load fuse state is a transitional state where the device loads its complete OTP configuration, previously
programmed in its fuses. The Main and the Fail-safe state machines both have to go through this state when
resuming from a power-up event.
• Deep Fail Safe (DFS) state is the device protection state. In this state, all regulators are OFF, safety outputs
are asserted, the SPI interface is not accessible. The device waits for specific events to restart and to move
to load fuse state to restart, and the safety outputs remain asserted until release conditions are met. DFS
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
29 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com