Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 25 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 21Page - NXP Semiconductors FS26 Datasheet HTML 22Page - NXP Semiconductors FS26 Datasheet HTML 23Page - NXP Semiconductors FS26 Datasheet HTML 24Page - NXP Semiconductors FS26 Datasheet HTML 25Page - NXP Semiconductors FS26 Datasheet HTML 26Page - NXP Semiconductors FS26 Datasheet HTML 27Page - NXP Semiconductors FS26 Datasheet HTML 28Page - NXP Semiconductors FS26 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
14 Current consumption
TA = –40 °C to 125 °C, unless otherwise specified. VSUP_UVH < VSUP < 36 V, VPRE_PWM + VPRE_HDR < VSUP_PWR < 36 V, unless otherwise specified. All voltages
are referenced to ground.
Symbol
Description
Min
Typ
Max
Unit
Quiescent current
IQ_NORMAL
Current consumption in normal mode on the battery:
• VSUP = VSUP_PWR = 13.5 V (including current from BATSENSE pin)
• VBST enabled but not switching.
• VPRE output voltage set at 5.5 V
• LPRE = 10 µH
• VCORE enabled and output voltage set at 1.5 V
• LDO1 enabled and output voltage set at 5.0 V
• LDO2 enabled and output voltage set at 3.3 V
• TRK1 and TRK2 enabled and output voltage set at 5 V
• VREF enabled and output voltage set at 5 V
• Long Duration Timer enabled
• All regulators output current = 0 A
15
25
mA
Current consumption in standby mode on the battery
• TA = 25 °C
• TA = 40 °C[2]
• TA = 85 °C[2]
32
36
40
—
—
60
µA
IQ_STBY[1]
• VSUP = VSUP_PWR = 12 V, 18 V (including current from BATSENSE pin)
• VPRE_PFM = 3.7 V (PFM mode)
• LPRE = 10 μH
• LDO1 enabled, VLDO1 = 3.3 V
• LDO2 disabled. Typ 3 μA additional on VSUP when enabled at 3.3 V
• Long Duration Timer disabled, < 1 µA when enabled.
• GPIOx disabled in standby
• RSTB released, pulled up to VPRE_PFM
• FS0B = 0 and FS1B = 0 pulled up to a disabled supply in standby mode.
Current consumption in standby mode on the battery
• TA = 25 °C
• TA = 85 °C[2]
90
110
—
130
µA
IQ_STBY
• VSUP = VSUP_PWR = 5.4 V (including current from BATSENSE pin)
• VPRE_PFM = 3.7 V and 5.05 V (PFM mode)
• LPRE = 10 µH
• LDO1 enabled, VLDO1 = 3.3 V when VPRE_PFM = 3.7 V, VLDO1 = 5.0 V when VPRE_PFM =
5.05 V.
• LDO2 disabled. Typ 3 μA additional on VSUP when enabled at 3.3 V
• Long Duration Timer disabled. < 1 µA when enabled.
• GPIOx disabled in standby
• RSTB released, pulled up to VPRE_PFM
• FS0B = 0 and FS1B = 0 pulled up to a disabled supply in standby mode.
Current consumption in LPOFF mode and Deep Fail Safe (DFS) state on the battery
• TA = 25 °C
• TA = 40 °C[2]
• TA = 85 °C[2]
30
32
40
—
—
60
µA
IQ_LPOFF, IQ_DFS
• VSUP = VSUP_PWR = 5.4 V, 12 V, 18 V
• (Including current from BATSENSE pin)
• All regulators are disabled.
• Long Duration Timer disabled. < 1 µA when enabled.
• GPIOx disabled in LPOFF
Table 9. Electrical characteristics
[1]
VBAT current is reduced in standby mode due to the ratio between VBAT and VPRE voltages.
[2]
Guaranteed by characterization. Tested in production at 25 °C only.
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
25 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com