Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 44 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 40Page - NXP Semiconductors FS26 Datasheet HTML 41Page - NXP Semiconductors FS26 Datasheet HTML 42Page - NXP Semiconductors FS26 Datasheet HTML 43Page - NXP Semiconductors FS26 Datasheet HTML 44Page - NXP Semiconductors FS26 Datasheet HTML 45Page - NXP Semiconductors FS26 Datasheet HTML 46Page - NXP Semiconductors FS26 Datasheet HTML 47Page - NXP Semiconductors FS26 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
16.2 Main register mapping
16.2.1 M_DEVICEID
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
FULL_LAYER_REV[2:0]
METAL_LAYER_REV[2:0]
FAM_ID[3:0]
DEV_ID[5:0]
Reset
0
1
1
0
0
1
0
1
1
1
OTP OTP OTP OTP OTP OTP
Table 16. M_DEVICEID register bit allocation
Go to main register map
Bit
Symbol
Value
Description
Full layer mask revision
3h
Pass C silicon for A release version
1h
Pass A silicon for H release version
15 to 13
FULL_LAYER_REV[2:0]
Reset condition: N/A
Metal mask revision
1h
Rev X.1 for A release version
0h
Rev X.0 for H release version
12 to 10
METAL_LAYER_REV[2:0]
Reset condition: N/A
Device family Identification
7h
FS26 family. Defined on metal mask.
9 to 6
FAM_ID[3:0]
Reset condition: N/A
Device ID
FS26 version dependent. See Table 1
5 to 0
DEV_ID[5:0]
Reset condition: N/A
Table 17. M_DEVICEID register bit description
16.2.2 M_PROGID
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
PROG_IDH[7:0]
PROG_IDL[7:0]
Reset
OTP
OTP
Table 18. M_PROGID register bit allocation
Go to main register map
Bit
Symbol
Description
Higher byte to set the first letter for the OTP ID code (see Table 96)
PROG_IDH_OTP[7:0]
15 to 8
PROG_IDH[7:0]
Reset condition: N/A
Lower byte to set the second letter for OTP ID code (see Table 97)
PROG_IDL_OTP[7:0]
7 to 0
PROG_IDL[7:0]
Reset condition: N/A
Table 19. M_PROGID register bit description
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
44 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com