Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 92 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 92 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 88Page - NXP Semiconductors FS26 Datasheet HTML 89Page - NXP Semiconductors FS26 Datasheet HTML 90Page - NXP Semiconductors FS26 Datasheet HTML 91Page - NXP Semiconductors FS26 Datasheet HTML 92Page - NXP Semiconductors FS26 Datasheet HTML 93Page - NXP Semiconductors FS26 Datasheet HTML 94Page - NXP Semiconductors FS26 Datasheet HTML 95Page - NXP Semiconductors FS26 Datasheet HTML 96Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
[4]
For all regulators, the effective value is the value after tolerance, temperature, DC bias and aging removal.
18.2.2 VPRE efficiency in forced PWM mode
For information, VPRE efficiency versus current load measurement is given based on external components and
configuration listed below. If the conditions are different, the new efficiency should be calculated using the FS26
power dissipation tool calculator.
Ext. C and L
CIN_PRE
20
µF
CIN_PRE_ESR
5
mΩ
COUT_PRE
44
µF
COUT_PRE_ESR
2.5
mΩ
LVPRE_450kHz
10
µH
LVPRE_DCR_450kHz
75
mΩ
LVPRE_2.25MHz
2.2
µH
LVPRE_DCR_2.25MHz
40
mΩ
CBOOT_PRE_MIN
22
nF
Int. MOSFETs
RHS_VPRE
310
mΩ
QHS
0.8
nC
RLS_VPRE
170
mΩ
QLS
1
nC
LSBODY_DIODE
0.8
V
VDRIVE
VBOS
V
Configuration
VPRE_IN
14
V
VPRE_SR_OTP[1:0]
00
Table 101. VPRE efficiency in forced PWM mode
IPRE (A)
0
1.5
1.0
0.5
aaa-045515
80
90
100
VPREPWM
efficiency
(%)
70
VPRE = 3.3 V
VPRE = 6 V
VPRE = 5 V
Figure 25. VPRE efficiency at VPRE_CLK_OTP = 0
 
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
92 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com