Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 31 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 27Page - NXP Semiconductors FS26 Datasheet HTML 28Page - NXP Semiconductors FS26 Datasheet HTML 29Page - NXP Semiconductors FS26 Datasheet HTML 30Page - NXP Semiconductors FS26 Datasheet HTML 31Page - NXP Semiconductors FS26 Datasheet HTML 32Page - NXP Semiconductors FS26 Datasheet HTML 33Page - NXP Semiconductors FS26 Datasheet HTML 34Page - NXP Semiconductors FS26 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
aaa-045450
RSTB release
Normal mode
NO
YES
Write all INIT_FS registers
To configure Safety outputs
reaction and configure Watchdog
LBIST or ABIST Fail will
prevent safety outputs release.
Possibility to go to low power
modes or restart the device
ABIST = OK
LBIST = OK
Close INIT FS with x1 good
Watchdog refresh
Decrease FLT_ERR_CNT to `0'
with WD_RFR_LIMIT +1
good WD refreshes
Write command to
RELEASE_FS0B_FS1B[15:0]
SW action
Information
Device
event
Figure 14. Application flowchart
15.3 Input power topology
The FS26 provides two input topologies to address various system needs. A reverse protection Schottky diode
(DBAT) between battery voltage (VBAT) and the FS26 is required. Depending on the system configuration, the
FS26 can obtain VSUP in two main configurations:
1. The switching boost controller (VBST) can be used as the front-end supply to support system cranking
events with voltage drops down to 2.7 V at the VBST_IN input.
When VBST is used as the front-end supply, the battery voltage (VBAT) is applied at the input of the boost
controller. During normal operation when VSUP > VBST, the boost controller stops switching and operates in
pass-through mode.
 
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
31 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com