Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 52 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 48Page - NXP Semiconductors FS26 Datasheet HTML 49Page - NXP Semiconductors FS26 Datasheet HTML 50Page - NXP Semiconductors FS26 Datasheet HTML 51Page - NXP Semiconductors FS26 Datasheet HTML 52Page - NXP Semiconductors FS26 Datasheet HTML 53Page - NXP Semiconductors FS26 Datasheet HTML 54Page - NXP Semiconductors FS26 Datasheet HTML 55Page - NXP Semiconductors FS26 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
16.2.9 M_VSUP_MSK
Bit
15
14
13
12
11
10
9
8
Write
0
0
0
0
0
0
0
0
Read
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
Reset
0
0
0
0
0
0
0
0
Table 32. M_VSUP_MSK register bit allocation
Bit
7
6
5
4
3
2
1
0
Write
0
0
0
0
VBOSUVH_M
VSUPOV_M
VSUPUV6_M
VSUPUVH_M
Read
RESERVED
RESERVED
RESERVED
RESERVED
VBOSUVH_M
VSUPOV_M
VSUPUV6_M
VSUPUVH_M
Reset
0
0
0
0
0
0
0
0
Go to main register map
Bit
Symbol
Value
Description
Inhibit interrupt (INTB pulse) related to VBOSUVH_I event
0h
Interrupt NOT MASKED (default)
1h
Interrupt MASKED
3
VBOSUVH_M
Reset on power-on reset (POR_M)
Inhibit interrupt (INTB pulse) related to VSUPOV_I event
0h
Interrupt NOT MASKED (default)
1h
Interrupt MASKED
2
VSUPOV_M
Reset on power-on reset (POR_M)
Inhibit interrupt (INTB pulse) related to VSUPUV6_I event
0h
Interrupt NOT MASKED (default)
1h
Interrupt MASKED
1
VSUPUV6_M
Reset on power-on reset (POR_M)
Inhibit interrupt (INTB pulse) related to VSUPUVH_I event
0h
Interrupt NOT MASKED (default)
1h
Interrupt MASKED
0
VSUPUVH_M
Reset on power-on reset (POR_M)
Table 33. M_VSUP_MSK register bit description
16.2.10 M_WIO_FLG
Bit
15
14
13
12
11
10
9
8
Write
WU_CLR
0
0
0
0
0
0
0
Read
RESERVED
RESERVED
RESERVED
RESERVED
WUEVENT[3:0]
Reset
0
0
0
0
0
0
0
0
Table 34. M_WIO_FLG register bit allocation
Bit
7
6
5
4
3
2
1
0
Write
0
0
0
0
0
0
0
0
Read
RESERVED
RESERVED
RESERVED
LDT_I
GPIO2_I
GPIO1_I
WK2_I
WK1_I
Reset
0
0
0
0
0
0
0
0
Go to main register map
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
52 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com