Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 40 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 36Page - NXP Semiconductors FS26 Datasheet HTML 37Page - NXP Semiconductors FS26 Datasheet HTML 38Page - NXP Semiconductors FS26 Datasheet HTML 39Page - NXP Semiconductors FS26 Datasheet HTML 40Page - NXP Semiconductors FS26 Datasheet HTML 41Page - NXP Semiconductors FS26 Datasheet HTML 42Page - NXP Semiconductors FS26 Datasheet HTML 43Page - NXP Semiconductors FS26 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
2. Using a serial CRC calculation method, the receiver rotates the received message and CRC into the least
significant bits of the shift register in the order received (MSB first).
3. When the calculation on the last bit of the CRC is rotated into the shift register, the shift register contains the
CRC check result.
• If the shift register contains all zeros, the CRC is correct.
• If the shift register contains a value other than zero, the CRC is incorrect.
15.6.2 SPI electrical characteristics and timing diagram
TA = –40 °C to 125 °C, unless otherwise specified. VSUP_UVH < VSUP < 36 V, VPRE_PWM + VPRE_HDR < VSUP_PWR < 36 V,
unless otherwise specified. All voltages are referenced to ground.
Symbol
Description
Min
Typ
Max
Unit
Interface I/O input supply
VDDIO
VDDIO supply voltage range
3.0
—
5.5
V
Static Electrical Characteristics
VSPI_VIL
CSB, SCLK, MOSI low level input voltage threshold
—
—
0.3 x VDDIO
V
VSPI_VIH
CSB, SCLK, MOSI high level input voltage threshold
0.7 x VDDIO
—
—
V
RSCLK_IPD
SCLK internal pull-down current source
7
10
13
µA
VMISO_VOH MISO high output voltage (I = 2.0 mA)
VDDIO - 0.4
—
—
V
VMISO_VOL
MISO low output voltage (I = 2.0 mA)
—
—
0.4
V
IMISO_LEAK
3-state leakage current (VDDIO = 5.0 V)
- 5.0
—
5.0
µA
RSPI_PU
CSB, MOSI internal pull-up (pull-up to VDDIO)
190
450
800
kΩ
CSPI
Input capacitor at CSB, SCLK, MOSI
—
—
10
pF
Dynamic Electrical Characteristics
FSPI
SPI operation frequency (50 % DC)
0.5
—
10
MHz
tCLH
Minimum time SCLK = HIGH
50
—
—
ns
tCLL
Minimum time SCLK = LOW
50
—
—
ns
tPCLD
Propagation delay (SCLK to data at 10 % of MISO rising edge)
—
—
30
ns
tCSDV
CSB = low to data at MISO active
—
—
70
ns
tSCLCH
SCLK low before CSB low (setup time SCLK to CSB change H/L)
70
—
—
ns
tHCLCL
SCLK change L/H after CSB = low
70
—
—
ns
tSCLD
SDI input setup time (SCLK change H/L after MOSI data valid)
35
—
—
ns
tHCLD
SDI input hold time (MOSI data hold after SCLK change H/L)
35
—
—
ns
tSCLCL
SCLK low before CSB high
90
—
—
ns
tHCLCH
SCLK high after CSB high
90
—
—
ns
tPCHD
CSB L/H to MISO at high-impedance
—
—
75
ns
tONCSB
CSB min. high time
500
—
—
ns
tCBS_MIN
CSB filter time
10
—
40
ns
Table 14. SPI Electrical characteristics
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
40 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com