Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 46 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 42Page - NXP Semiconductors FS26 Datasheet HTML 43Page - NXP Semiconductors FS26 Datasheet HTML 44Page - NXP Semiconductors FS26 Datasheet HTML 45Page - NXP Semiconductors FS26 Datasheet HTML 46Page - NXP Semiconductors FS26 Datasheet HTML 47Page - NXP Semiconductors FS26 Datasheet HTML 48Page - NXP Semiconductors FS26 Datasheet HTML 49Page - NXP Semiconductors FS26 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
Bit
Symbol
Value
Description
0h
VREF is disabled
1h
VREF is enabled
Real-time information
Real time status of VBST regulator
0h
VBST is disabled
1h
VBST is enabled
6
VBST_S
Real-time information
Real time status of VPRE regulator
0h
VPRE is disabled
1h
VPRE is enabled
5
VPRE_S
Real-time information
Real time status of TRK2 regulator
0h
TRK2 is disabled
1h
TRK2 is enabled
4
TRK2_S
Real-time information
Real time status of TRK1 regulator
0h
TRK1 is disabled
1h
TRK1 is enabled
3
TRK1_S
Real-time information
Real time status of VCORE regulator
0h
VCORE is disabled
1h
VCORE is enabled
2
CORE_S
Real-time information
Real time status of LDO2 regulator
0h
LDO2 is disabled
1h
LDO2 is enabled
1
LDO2_S
Real-time information
Real time Status of LDO1 regulator
0h
LDO1 is disabled
1h
LDO1 is enabled
0
LDO1_S
Real-time information
Table 21. M_STATUS register bit description...continued
16.2.4 M_TSD_FLG
Bit
15
14
13
12
11
10
9
8
Write
TWARN_I
0
0
0
0
0
0
0
Read
TWARN_I
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
Reset
0
0
0
0
0
0
0
0
Table 22. M_TSD_FLG register bit allocation
Bit
7
6
5
4
3
2
1
0
Write
0
GPIO1TSD_I
VPRETSD_I
TRK2TSD_I
TRK1TSD_I
CORETSD_I
LDO2TSD_I
LDO1TSD_I
Read
RESERVED
GPIO1TSD_I
VPRETSD_I
TRK2TSD_I
TRK1TSD_I
CORETSD_I
LDO2TSD_I
LDO1TSD_I
Reset
0
0
0
0
0
0
0
0
Go to main register map
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
46 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com