Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 95 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 95 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 91Page - NXP Semiconductors FS26 Datasheet HTML 92Page - NXP Semiconductors FS26 Datasheet HTML 93Page - NXP Semiconductors FS26 Datasheet HTML 94Page - NXP Semiconductors FS26 Datasheet HTML 95Page - NXP Semiconductors FS26 Datasheet HTML 96Page - NXP Semiconductors FS26 Datasheet HTML 97Page - NXP Semiconductors FS26 Datasheet HTML 98Page - NXP Semiconductors FS26 Datasheet HTML 99Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
VBST_IN
VBST
VBST_ILIM_TH / RSNS_BST
Maximum IBST
180 mV / 20 mΩ
1.9 A
150 mV / 20 mΩ
1.7 A
120 mV / 20 mΩ
1.4 A
6 V
60 mV / 20 mΩ
0.7 A
180 mV / 20 mΩ
1.65 A
150 mV / 20 mΩ
1.45 A
120 mV / 20 mΩ
1.2 A
7 V
60 mV / 20 mΩ
0.6 A
180 mV / 20 mΩ
1.45 A
150 mV / 20 mΩ
1.25 A
120 mV / 20 mΩ
1.05 A
2.7 V
8 V
60 mV / 20 mΩ
0.5 A
Table 102. Maximum VBST output current in front-end configuration (DCBST_MAX = 87.5 %, DBST = 0.7 V, LSRDSON
= 50 mΩ, LBST_DCR = 60 mΩ)
2.
In back-end mode or boost not used (VBST_CFG_OTP = 1):
In the back-end configuration, VBST can be supplied by VPRE or by an external supply. When VBST is
supplied by an external supply (VSUP, for example), the maximum duty cycle could limit the output current
capability and/or the delta voltage between VBST_IN and VBST.
In the back-end configuration, the output voltage is set by VBST_OTP[4:0] and NXP recommends setting
VBST_OV_OTP = 1 (overvoltage protection). In Overvoltage Protection mode, VBST will be disabled if an
overvoltage is detected (VBST > VBST_OV_TH). An SPI command is needed to turn on VBST again.
VBST_PG is indicating a boost overload during soft start or in normal operation. The power good pin
(VBST_PG) can be used to avoid an undervoltage cascading effect at the VBST input (VPRE) by opening
the VBST current path. This overload protection feature will require the external circuitry described in the
application note AN12995.
During a soft start, VBST_PG is at the high level (open drain OFF) to enable the external switch and
propagate the output voltage to the load. If an overload condition is detected (VBST < VBST_UV_PG), while the
minimum duty cycle is not reached, the VBST power good pin is asserted low to warn of the overload event.
The BOOST controller remains enabled until completion of soft start.
In normal operation, VBST_PG is at the high level (open drain OFF) when the output voltage remains in an
acceptable range and at the low level (open drain ON) when the output voltage is 25 % below its nominal
voltage (VBST < VBST_UV_PG).
The VBST current limitation is sensed at the input, and therefore the current capability can be estimated
depending on VBST_IN, VBST voltage configuration and the external components (LBST, RSNS_BST, DBST). As
an example, Table 103 summarizes the maximum current capability for an input average current of 500 mA
using LBST = 4.7 µH and the recommended RSNS_BST for COUT_BST = 40 µF.
When the boost controller is not used in the application, VBST_CFG_OTP and VSUP_UVTH_OTP should
both be set to 1. The unused pins should be handled as described in Connection of unused pins.
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
95 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com