Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 68 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 64Page - NXP Semiconductors FS26 Datasheet HTML 65Page - NXP Semiconductors FS26 Datasheet HTML 66Page - NXP Semiconductors FS26 Datasheet HTML 67Page - NXP Semiconductors FS26 Datasheet HTML 68Page - NXP Semiconductors FS26 Datasheet HTML 69Page - NXP Semiconductors FS26 Datasheet HTML 70Page - NXP Semiconductors FS26 Datasheet HTML 71Page - NXP Semiconductors FS26 Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
Register
Name
ADDRESS
(Hex)
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
OTP_
GPIO2_CFG
39
—
GPIO2
PD_OTP
GPIO2
PU_OTP
GPIO2STAGE_OTP[1:0]
GPIO2_SLOT_OTP[2:0]
OTP_
INPUT_CFG
3A
WK2PD_
SEL_OTP
WK1PD_
SEL_OTP
GPIO2
TH_OTP
GPIO1TH_OTP WK2PD_OTP
WK1PD_OTP
WK2
TH_OTP
WK1
TH_OTP
OTP_
PROG_IDH
3B
PROG_IDH_OTP[7:0]
OTP_
PROG_IDL
3C
PROG_IDL_OTP[7:0]
Table 68. Main OTP configuration map...continued
17.2 Main OTP registers bit description
17.2.1 OTP_SYS_CFG1
Bit
Bit Group Name
Description
Value
Settings
1h
200 ms
2h
400 ms
3h
800 ms
4h
1600 ms
5h
3200 ms
6h
6400 ms
7h
12800 ms
8h
25600 ms
9h
51200 ms
Ah
102400 ms
Bh
204800 ms
Ch
409600 ms
Dh
819200 ms
Eh
1638400 ms
7 to 4
RETRY_MSK_OTP[3:0]
Retry counter time limit
Fh
3276800 ms
0h
Limited retry
3
RETRY_MODE_OTP
Auto-retry mode
1h
Infinite retry
0h
Enabled
2
RETRY_DIS_OTP
Auto-retry power up from DFS
1h
Disabled
0h
Enabled
1
WK1DFS_DIS_OTP
Exit DFS on WAKE1 event
1h
Disabled
0h
4.3 V / 4.8 V
0
VSUP_UVTH_OTP
VSUP UV threshold
VSUP_UVL / VSUP_UVH
1h
5.65 V / 6.1 V
Table 69. OTP_SYS_CFG1 register bit description
Go to main OTP configuration map
17.2.2 OTP_SYS_CFG2
Bit
Bit Group Name
Description
Value
Settings
7
MDFS_DIS_OTP
Disable Deep Fail Safe entry
0h
DFS entry enabled
Table 70. OTP_SYS_CFG2 register bit description
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
68 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com