Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 63 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 59Page - NXP Semiconductors FS26 Datasheet HTML 60Page - NXP Semiconductors FS26 Datasheet HTML 61Page - NXP Semiconductors FS26 Datasheet HTML 62Page - NXP Semiconductors FS26 Datasheet HTML 63Page - NXP Semiconductors FS26 Datasheet HTML 64Page - NXP Semiconductors FS26 Datasheet HTML 65Page - NXP Semiconductors FS26 Datasheet HTML 66Page - NXP Semiconductors FS26 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
Bit
Symbol
Value
Description
AMUX input channel selection
00h
Disabled with AMUX pin in Hi-Z (default)
01h
Low-power bandgap (voltage reference)
02h
Main bandgap (voltage reference)
03h
Fail-safe bandgap (voltage reference)
04h
VANA: Internal main analog voltage supply
05h
VDIG: internal main digital voltage supply
06h
VDIG_FS: internal fail-safe digital voltage supply
07h
VCORE feedback pin CORE_FB voltage
08h
VPRE feedback pin VPRE_FB voltage
09h
LDO1 feedback pin LDO1OUT voltage
0Ah
LDO2 feedback pin LDO1OUT voltage
0Bh
VREF feedback pin voltage
0Ch
TRK1 feedback pin voltage
0Dh
TRK2 feedback pin voltage
0Eh
VDDIO feedback voltage
0Fh
VBOS internal pin voltage
10h
VBST feedback pin VBST_FB voltage (divider ratio configurable with AMUX_DIV)
11h
VSUP pin voltage VSUP (divider ratio configurable with AMUX_DIV)
12h
WAKE1 pin voltage (divider ratio configurable with AMUX_DIV)
13h
WAKE2 pin voltage (divider ratio configurable with AMUX_DIV)
14h
GPIO1 pin voltage (divider ratio configurable with AMUX_DIV)
15h
GPIO2 pin voltage (divider ratio configurable with AMUX_DIV)
16h
BATSENSE pin voltage (divider ratio configurable with AMUX_DIV)
17h
Die temperature sensor[1]
18h
VCORE temperature sensor[1]
19h
VPRE temperature sensor[1]
1Ah
LDO1 temperature sensor[1]
1Bh
LDO2 temperature sensor[1]
1Ch
TRK1 temperature sensor[1]
1Dh
TRK2 temperature sensor[1]
1Eh
GPIO1 temperature sensor[1]
1Fh
Reserved
4 to 0
AMUX[4:0]
Reset on power-on reset (POR_M)
Table 55. M_AMUX_CTRL register bit description...continued
[1]
Temp (°C) = (VAMUX_OUT – VTEMP25) / VTEMP_COEFF + 25
16.2.21 M_LDT_CFG1
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Write
LDT_AFTER_RUN[15:0]
Read
LDT_AFTER_RUN[15:0]
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 56. M_LDT_CFG1 register bit allocation
Go to main register map
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
63 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com