Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 69 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 65Page - NXP Semiconductors FS26 Datasheet HTML 66Page - NXP Semiconductors FS26 Datasheet HTML 67Page - NXP Semiconductors FS26 Datasheet HTML 68Page - NXP Semiconductors FS26 Datasheet HTML 69Page - NXP Semiconductors FS26 Datasheet HTML 70Page - NXP Semiconductors FS26 Datasheet HTML 71Page - NXP Semiconductors FS26 Datasheet HTML 72Page - NXP Semiconductors FS26 Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
Bit
Bit Group Name
Description
Value
Settings
1h
DFS entry disabled
0h
16 MHz
1h
17 MHz
2h
18 MHz
6 to 5
CLK_FREQ_OTP[1:0]
Clock frequency selection
FOSC_HIGH
3h
19 MHz
0h
Bypass disabled
1h
Bypass slot 1 to 6
2h
Bypass slot 2 to 6
3h
Bypass slot 3 to 6
4h
Bypass slot 4 to 6
5h
Bypass slot 5 to 6
6h
Bypass slot 6
4 to 2
SLOT_BYP_OTP[2:0]
Power-up slot bypass
7h
Bypass disabled
0h
250 µs
1h
500 µs
2h
1000 µs
1 to 0
TSLOT_OTP[1:0]
Power up slot time
3h
2000 µs
Table 70. OTP_SYS_CFG2 register bit description...continued
Go to main OTP configuration map
17.2.3 OTP_SYS_CFG3
Bit
Bit Group Name
Description
Value
Settings
0h
GPIO2 is not driven by VCORE_PGOOD
7
GPIO2_VCORE_PGOOD_OTP
GPIO2 VCORE_PGOOD
1h
GPIO2 is driven by VCORE_PGOOD
0h
GPIO2 LS active high
6
GPIO2_MODE_OTP
GPIO2 Low Side polarity
1h
GPIO2 LS active low
0h
GPIO1 LS active high
5
GPIO1_MODE_OTP
GPIO1 Low Side polarity
1h
GPIO1 LS active low
0h
VREF pin lift detection enabled
4
VREF_PLIFT_DIS_OTP
VREF pin lift detection
1h
VREF pin lift detection disabled
0h
LDO2 pin lift detection enabled
3
LDO2_PLIFT_DIS_OTP
LDO2 pin lift detection
1h
LDO2 pin lift detection disabled
0h
LDO1 pin lift detection enabled
2
LDO1_PLIFT_DIS_OTP
LDO1 pin lift detection
1h
LDO1 pin lift detection disabled
0h
Auto Transition from VPRE to VSUP
when VPRE < VPRE_UVBOS
1 to 0
BOS_IN_OTP[1:0]
BOS input selection
1h
Force BOS input to VSUP always
Table 71. OTP_SYS_CFG3 register bit description
Go to main OTP configuration map
17.2.4 OTP_VBST_CFG1
Bit
Bit Group Name
Description
Value
Settings
7 to 6
VBST_MAX_DC_OTP[1:0]
VBST maximum duty cycle
0h
72.5 %
Table 72. OTP_VBST_CFG1 register bit description
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
69 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com