Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 72 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 68Page - NXP Semiconductors FS26 Datasheet HTML 69Page - NXP Semiconductors FS26 Datasheet HTML 70Page - NXP Semiconductors FS26 Datasheet HTML 71Page - NXP Semiconductors FS26 Datasheet HTML 72Page - NXP Semiconductors FS26 Datasheet HTML 73Page - NXP Semiconductors FS26 Datasheet HTML 74Page - NXP Semiconductors FS26 Datasheet HTML 75Page - NXP Semiconductors FS26 Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
Bit
Bit Group Name
Description
Value
Settings
30h
676 mV/µs
31h
690 mV/µs
32h
704 mV/µs
33h
718 mV/µs
34h
732 mV/µs
35h
746 mV/µs
36h
760 mV/µs
37h
774 mV/µs
38h
788 mV/µs
39h
803 mV/µs
3Ah
817 mV/µs
3Bh
831 mV/µs
3Ch
845 mV/µs
3Dh
859 mV/µs
3Eh
873 mV/µs
3Fh
887 mV/µs
Table 74. OTP_VBST_CFG3 register bit description...continued
Go to main OTP configuration map
17.2.7 OTP_VBST_VOLT
Bit
Bit Group Name
Description
Value
Settings
0h
425 µs
1h
850 µs
2h
1.7 ms
7 to 6
VBST_SS_OTP[1:0]
VBST soft start
tBST_SS
3h
3.4 ms
00h
5.00 V
01h
5.25 V
02h
5.50 V
03h
5.75 V
04h
6.00 V
05h
6.25 V
06h
6.50 V
07h
6.75 V
08h
7.00 V
09h
7.50 V
0Ah
8.00 V
0Bh
8.50 V
0Ch
9.00 V
0Dh
9.50 V
0Eh
10.0 V
0Fh
10.5 V
10h
11.0 V
11h
11.5 V
4 to 0
VBST_OTP[4:0]
VBST voltage
VBST
12h
12.0 V
Table 75. OTP_VBST_VOLT register bit description
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
72 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com