Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 91 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 91 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 87Page - NXP Semiconductors FS26 Datasheet HTML 88Page - NXP Semiconductors FS26 Datasheet HTML 89Page - NXP Semiconductors FS26 Datasheet HTML 90Page - NXP Semiconductors FS26 Datasheet HTML 91Page - NXP Semiconductors FS26 Datasheet HTML 92Page - NXP Semiconductors FS26 Datasheet HTML 93Page - NXP Semiconductors FS26 Datasheet HTML 94Page - NXP Semiconductors FS26 Datasheet HTML 95Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
TA = –40 °C to 125 °C, unless otherwise specified. VSUP_UVH < VSUP < 36 V, VPRE_PWM + VPRE_HDR < VSUP_PWR < 36 V, unless otherwise specified. All voltages
are referenced to ground.
Symbol
Description
Min
Typ
Max
Unit
VPRE_LINE_REG_2M2_PFM_DO[1]
Transient line after drop out exit with FPRE = 2.25 MHz
VBAT = VPRE - 0.4 V to 12 V
VPRE_PFM_TON_OTP[1:0] = 10
IPRE_PFM = 10 µA and 10 mA for VPRE_PFM = 5.05 V
dV/dt = 100 mV/µs, LPRE = 2.2 μH,
CIN_PRE = 47 µF + PI filter, COUT_PRE = 44 μF
-3
—
3
%
VPRE_LOTR_2M2_PFM_100m[1]
Transient load response in PFM mode with FPRE = 2.25 MHz
10 mA to 100 mA step and 100 mA to 10 mA step
di/dt = 300 mA/µs, COUT_PRE ≥ 22 µF, LPRE = 2.2 µH
VPRE_PFM_TON_OTP[1:0] = 10
-3
—
3
%
VPRE_LOTR_2M2_PFM_10m[1]
Transient load response in PFM mode with FPRE = 2.25 MHz
VSUP = VSUP_PWR = 5.4 V, VPRE = 5.05 V
10 µA to 10 mA step and 10 mA to 10 µA step
di/dt = 10 mA/µs, COUT_PRE ≥ 22 µF, LPRE = 2.2 µH
VPRE_PFM_TON_OTP[1:0] = 10
-1.5
—
1.5
%
Operating frequency in PWM mode
FPRE
VPRE_CLK_OTP = 0
VPRE_CLK_OTP = 1
390
1.90
450
2.25
500
2.5
kHz
MHz
Switching node rising and falling edge setting
tPRESW_SLR
VPRE_SR_OTP = 0
VPRE_SR_OTP = 1
—
—
—
—
2
4
ns
HS minimum ON time in PFM mode with FPRE = 450 kHz
VPRE_CLK_OTP = 0, VPRE_IN = 12 V
tPRE_ON_MIN_450K
VPRE_PFM_TON_OTP[1:0] = 00
VPRE_PFM_TON_OTP[1:0] = 01
VPRE_PFM_TON_OTP[1:0] = 10
VPRE_PFM_TON_OTP[1:0] = 11
715
800
875
975
900
1000
1125
1250
1080
1250
1375
1525
ns
HS minimum ON time in PFM mode with FPRE = 2.25 MHz
VPRE_CLK_OTP = 1, VPRE_IN = 12 V
tPRE_ON_MIN_2M2
VPRE_PFM_TON_OTP[1:0] = 00
VPRE_PFM_TON_OTP[1:0] = 01
VPRE_PFM_TON_OTP[1:0] = 10
VPRE_PFM_TON_OTP[1:0] = 11
350
385
420
470
440
500
550
600
530
620
690
755
ns
tPRE_OFF_MIN
HS minimum OFF time in PFM mode
VPRE_IN = 12 V
VPRE_PFM_TOFF_OTP[1:0] = 10
465
720
1035
ns
External components
Inductor value for FPRE = 450 kHz
Nominal[3]
Effective[4]
8.2
5.8
10
—
10
13
µH
Inductor value for FPRE = 2.25 MHz
LPRE
Nominal[3]
Effective[4]
2.2
1.5
2.2
—
4.7
6.1
µH
RDCR_LPRE
Inductor DC resistance
—
60
—
mΩ
CIN_PRE
Effective[4] input capacitor value
10
—
—
µF
Nominal[3] bootstrap capacitor value
22
—
100
CBOOT_PRE
nF
Effective[4] output capacitor value with FPRE = 450 kHz
20
—
100
COUT_PRE
Effective[4] output capacitor value with FPRE = 2.25 MHz
20
—
50
µF
Table 100. VPRE electrical characteristics...continued
[1]
For all these parameters, the maximum ambient temperature is TA = 85 °C.
[2]
VPREOC_I flag is correctly reported when VPRE_PWM + VPRE_HDR < VSUP_PWR < 18 V.
[3]
For all regulators, the nominal value is the value normalized.
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
91 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com