Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 67 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 63Page - NXP Semiconductors FS26 Datasheet HTML 64Page - NXP Semiconductors FS26 Datasheet HTML 65Page - NXP Semiconductors FS26 Datasheet HTML 66Page - NXP Semiconductors FS26 Datasheet HTML 67Page - NXP Semiconductors FS26 Datasheet HTML 68Page - NXP Semiconductors FS26 Datasheet HTML 69Page - NXP Semiconductors FS26 Datasheet HTML 70Page - NXP Semiconductors FS26 Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
17 OTP bits description
17.1 OTP overview
Register
Name
ADDRESS
(Hex)
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
OTP_SYS_
CFG1
20
RETRY_MSK_OTP[3:0]
RETRY_
MODE_OTP
RETRY_
DIS_OTP
WK1DFS_
DIS_OTP
VSUP_
UVTH_OTP
OTP_SYS_
CFG2
21
MDFS_DIS_OTP
CLK_FREQ_OTP[1:0]
SLOT_BYP_OTP[2:0]
TSLOT_OTP[1:0]
OTP_SYS_
CFG3
22
GPIO2_VCORE_
PGOOD_OTP
GPIO2_
MODE_OTP
GPIO1_
MODE_OTP
VREF_PLIFT_
DIS_OTP
LDO2_PLIFT_
DIS_OTP
LDO1_PLIFT_
DIS_OTP
BOS_IN_OTP[1:0]
OTP_VBST_
CFG1
23
VBST_MAX_DC_OTP[1:0]
—
VBSTLS_
SR_OTP
VBST_PH_OTP[1:0]
VBST_
OV_OTP
VBST_
CFG_OTP
OTP_VBST_
CFG2
24
VBST_TON_MIN_OTP[1:0]
VBST_RCOMP_OTP[1:0]
VBST_CCOMP_OTP[1:0]
VBST_GMCOMP_OTP[1:0]
OTP_VBST_
CFG3
25
VBST_ILIM_OTP[1:0]
VBST_SC_OTP[5:0]
OTP_
VBST_VOLT
26
VBST_SS_OTP[1:0]
—
VBST_OTP[4:0]
OTP_VPRE_
CFG1
27
VPRE_OC_OTP[2:0]
VPRE_
SR_OTP
VPRE_PH_OTP[1:0]
VPRE_SS_OTP[1:0]
OTP_VPRE_
CFG2
28
—
VPRE_RCOMP_OTP[2:0]
VPRE_CCOMP_OTP[1:0]
VPRE_GM_OTP[1:0]
OTP_VPRE_
CFG3
29
VPRE_OC_DGLT_OTP[1:0]
VPRE_SC_OTP[5:0]
OTP_VPRE_
CFG4
2A
VPRETSD_
PD_OTP
VPRETDFS_
OTP
VPRE_
CLK_OTP
—
VPRE_PFM_TOFF_OTP[1:0]
VPRE_PFM_
TON_OTP[1:0]
OTP_VPRE_
VOLT1
2B
—
VPRE_OTP[5:0]
OTP_VPRE_
VOLT2
2C
VPRE_LP_DVS_OTP[1:0]
VPRE_LP_OTP[5:0]
OTP_VPRE_
VOLT3
2D
VPRE_PDWN_DLY_OTP[1:0]
VPRE_BOS_OTP[5:0]
OTP_CORE_
CFG1
2E
—
COREHS_SR_OTP[1:0]
CORE_PH_OTP[1:0]
CORE_ILIM_OTP[1:0]
OTP_CORE_
CFG2
2F
—
CORE_RCOMP_OTP[1:0]
CORE_CCOMP_OTP[1:0]
CORE_GM_OTP[1:0]
OTP_CORE_
CFG3
30
—
CORE_SS_OTP[1:0]
0
CORE_
CTRL_OTP
CORE_LSEL_OTP[1:0]
OTP_CORE_
VOLT1
31
VCORE_OTP[7:0]
OTP_CORE_
CFG5
32
CORETSD_
PD_OTP
CORETDFS_
OTP
—
CORE_SLOT_OTP[2:0]
OTP_
LDO1_CFG
33
LDO1TSD_
PD_OTP
LDO1
TDFS_OTP
LDO1_LP_
EN_OTP
VLDO1_
LP_OTP
VLDO1_OTP
LDO1_SLOT_OTP[2:0]
OTP_
LDO2_CFG
34
LDO2TSD_
PD_OTP
LDO2
TDFS_OTP
LDO2_LP_
EN_OTP
VLDO2_
LP_OTP
VLDO2_OTP
LDO2_SLOT_OTP[2:0]
OTP_
TRK1_CFG
35
TRK1TSD_
PD_OTP
TRK1
TDFS_OTP
TRK1_SEL_OTP[1:0]
—
TRK1_SLOT_OTP[2:0]
OTP_
TRK2_CFG
36
TRK2TSD_
PD_OTP
TRK2
TDFS_OTP
TRK2_SEL_OTP[1:0]
—
TRK2_SLOT_OTP[2:0]
OTP_
VREF_CFG
37
—
VLDO_REF_OTP[1:0]
VREF_OTP
VREF_SLOT_OTP[2:0]
OTP_
GPIO1_CFG
38
GPIO1TSD_
PD_OTP
GPIO1
PD_OTP
GPIO1
PU_OTP
GPIO1STAGE_OTP[1:0]
GPIO1_SLOT_OTP[2:0]
Table 68. Main OTP configuration map
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
67 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com