Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 97 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 97 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 93Page - NXP Semiconductors FS26 Datasheet HTML 94Page - NXP Semiconductors FS26 Datasheet HTML 95Page - NXP Semiconductors FS26 Datasheet HTML 96Page - NXP Semiconductors FS26 Datasheet HTML 97Page - NXP Semiconductors FS26 Datasheet HTML 98Page - NXP Semiconductors FS26 Datasheet HTML 99Page - NXP Semiconductors FS26 Datasheet HTML 100Page - NXP Semiconductors FS26 Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
TA = –40 °C to 125 °C, unless otherwise specified. VSUP_UVH < VSUP < 36 V, VPRE_PWM + VPRE_HDR < VSUP_PWR < 36 V, unless otherwise specified. All voltages
are referenced to ground.
Symbol
Description
Min
Typ
Max
Unit
Nominal output current in front-end
VBST_CFG_OTP = 0
(VBST configured as front-end supply)
VBST ≤ 10 V and VBST_IN ≥ 2.7 V
—
1
—
A
IBST
Nominal output current in back-end
VBST_CFG_OTP = 1
(VBST configured in back-end)
VBST ≤ 18 V and VBST_IN ≥ 3.6 V (powered by VPRE)
—
—
0.5
A
Voltage threshold to detect an inductor peak current limit condition
Differential measurement at VBST_ISH pin and VBST_ISL pin
VBST_ILIM_TH
VBST_ILIM_OTP[1:0] = 00
VBST_ILIM_OTP[1:0] = 01
VBST_ILIM_OTP[1:0] = 10
VBST_ILIM_OTP[1:0] = 11
48
96
120
144
60
120
150
180
72
144
180
216
mV
VBST_OV_TH
Overvoltage threshold range (sensed on VBST_FB pin)
105
110
115
%
VBSTG
VBST_G driver output voltage
VPRE_UVBOS
- 0.2
VBOS
5.5
V
RBSTG
VBST_G driver pull-down (when VBST is disabled)
6
14.5
23
kΩ
VBST_G current drive at VBOS = 5 V and VBSTG = VBOS / 2
IBSTG
VBSTLS_SR_OTP = 0
VBSTLS_SR_OTP = 1
0.7
0.9
—
—
2.0
3.4
A
VBST_UV_TH
Undervoltage threshold range (sensed on VBST_FB pin)
1.3
1.5
1.7
V
VBST_UV_PG
VBST undervoltage threshold range to assert VBST_PG pin in back-end mode
(sensed on VBST_FB pin)
72.5
75
77.5
%
RBST_PG_PU
External pull-up resistor to VDDIO pin
5
10
20
kΩ
VBST_PG_VOL
Low output level threshold (IBST_PG = 2.0 mA)
—
—
0.4
V
IBST_PG_LEAK
Input leakage current
—
—
1.0
µA
Dynamic electrical characteristics
FBST
Switching frequency range
380
450
500
kHz
tBST_UVOV
VBST_UV_TH, VBST_OV_TH filtering time
5
10
15
µs
Maximum duty cycle
DCBST_MAX
VBST_MAX_DC_OTP[1:0] = 00
VBST_MAX_DC_OTP[1:0] = 01
VBST_MAX_DC_OTP[1:0] = 10
VBST_MAX_DC_OTP[1:0] = 11
—
—
—
—
72.5
77.5
82.5
87.5
—
—
—
—
%
Soft start from VBST enable to 90 %
tBST_SS
VBST_SS_OTP[1:0] = 00
VBST_SS_OTP[1:0] = 01
VBST_SS_OTP[1:0] = 10
VBST_SS_OTP[1:0] = 11
—
425
850
1700
3400
600
1200
2400
4800
µs
Digital DAC soft start completion
(delay from VBST enable in front-end to VPRE enable)
tBST_SS_DAC
VBST_SS_OTP[1:0] = 00
VBST_SS_OTP[1:0] = 01
VBST_SS_OTP[1:0] = 10
VBST_SS_OTP[1:0] = 11
—
1150
2300
4600
9200
1250
2500
5000
10100
µs
VBST_LINE_ON
VBST transient line in front end configuration always ON
VBAT = 3.2 V - 6.5 V - 3.2 V
dV/dt = 100 mV/μs , LBST = 4.7 μH, IBST = 0 A and 1 A
CIN_BST_FE = 47 µF, COUT_BST_FE = 50 μF
-5
—
5
%
Table 104. VBST electrical characteristics...continued
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
97 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com