Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 32 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 28Page - NXP Semiconductors FS26 Datasheet HTML 29Page - NXP Semiconductors FS26 Datasheet HTML 30Page - NXP Semiconductors FS26 Datasheet HTML 31Page - NXP Semiconductors FS26 Datasheet HTML 32Page - NXP Semiconductors FS26 Datasheet HTML 33Page - NXP Semiconductors FS26 Datasheet HTML 34Page - NXP Semiconductors FS26 Datasheet HTML 35Page - NXP Semiconductors FS26 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
VPRE
VBST
VBST_G
VBAT
VBST_ISH
VBST_ISL
VPRE
VBST
COUT_PRE
CBOOT
LVPRE
COUT_BST
CIN_BST_FE
CBAT
DBAT
DBST
LBST
RSNS_BST
aaa-045451
VBST_FB
Figure 15. Input topology: front-end boost controller
 
When VSUP < VBST, the boost controller starts switching to maintain VSUP above the VSUP_UVH threshold,
thus ensuring system operation during crank profiles.
2. For systems with less severe or no cranking events, the input power can be applied directly to the VSUP
pin. In this scenario, the FS26 can ensure functionality if VSUP > VPREPWM + VPRE_HDR (Section 18.2 for
VPRE_HDR). The device will shut down if VPREPWM < VPRE_UVL. The reverse voltage protection diode and a
PI-filter are needed to guarantee optimal EMI performance.
 
aaa-045452
VPRE
VPRE
VBAT
COUT_PRE
CBOOT
LVPRE
Cpi2
Cpi1
CBAT
DBAT
Lpi
Figure 16. Input topology: direct VSUP connection
 
At the chip level, the power-up sequencing and operating thresholds are referenced to VSUP input.
However, proper considerations should be made to ensure the system level requirements are met with
respect to VBAT voltage.
15.4 System power-up and power-down
When a voltage is applied to the VSUP pin, the FS26 starts its internal power-up biasing. As the internal best
of supply (BOS) reaches regulation and the default OTP configuration is loaded, the system proceeds to turn
on the output regulators based on the OTP configuration of the device. The regulators' power-up sequence is
dependent on the input power topology used in the system:
With VBST used as the front-end supply
• VBST is enabled first and will ensure VSUP > VSUP_UVH.
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
32 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com