Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 39 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 35Page - NXP Semiconductors FS26 Datasheet HTML 36Page - NXP Semiconductors FS26 Datasheet HTML 37Page - NXP Semiconductors FS26 Datasheet HTML 38Page - NXP Semiconductors FS26 Datasheet HTML 39Page - NXP Semiconductors FS26 Datasheet HTML 40Page - NXP Semiconductors FS26 Datasheet HTML 41Page - NXP Semiconductors FS26 Datasheet HTML 42Page - NXP Semiconductors FS26 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
Bit
Symbol
Description
1
Event reported in the M_REG_FLG register
Reset on power-on reset (POR_M), cleared when all individual bits are cleared
Source Register: M_REG_FLG
Flags Reporting: VBSTOV_I, VPREUVH_I, VPREOC_I, TRK2OC_I, TRK1OC_I, COREOC_I,
LDO2OC_I, LDO1OC_I, VBSTOC_I
Event notification from the M_TSD_FLG register
0
No event reported in M_TSD_FLG register
1
Event reported in the M_TSD_FLG register
Reset on power-on reset (POR_M), cleared when all individual bits are cleared
Source Register: M_TSD_FLG
24
TSD_G
Flags Reporting: TWARN_I, GPIO1TSD_I, VPRETSD_I, TRK2TSD_I, TRK1TSD_I,
CORETSD_I, LDO2TSD_I, LDO1TSD_I
Table 12. MISO general device status bit descriptions...continued
15.6.1 Cyclic redundancy check
An 8-bit cyclic redundancy check (CRC) is required for each Write and Read SPI command. Computation
of a cyclic redundancy check is derived from the mathematics of polynomial division, modulo two. The CRC
polynomial used is x^8+x^4+x^3+x^2+1 (identified by 0x1D) with a SEED value of hexadecimal '0xFF'.
Figure 22 is an example of CRC encoding HW implementation:
aaa-046864
T
T
T
T
T
T
T
T
C0
1*1
0*X
1*X2
1*X3
1*X4
0*X5
0*X6
0*X7
1*X8
C1
C2
C3
C4
C5
C6
C7
Input
Data
+
+
+
+
Figure 22. CRC encoder example
The effect of the CRC encoding procedure is shown in Table 13. The seed value is appended into the most
significant bits of the shift register.
Seed
M/FS
Register Address
Read/Write
DATA_MSB
DATA_LSB
0xFF
Bit[31]
Bits[30:25]
Bit[24]
Bits[23:16]
Bits[15:8]
Table 13. Data preparation for CRC encoding
1. Using a serial CRC calculation method, the transmitter rotates the seed and data into the least significant
bits of the shift register.
2. During the serial CRC calculation, the seed and the data bits are XOR compared with the polynomial data
bits. When the MSB is logic 1, the comparison result is loaded in the register, otherwise the data bits are
simply shifted. It must be noted the 32-bit message to be processed must have the bits corresponding to the
CRC byte all equal to zero (00000000).
3. Once the CRC is calculated, the initial CRC byte composed of zeros is replaced and the CRC is transmitted.
Procedure for CRC decoding:
1. The seed value is loaded into the most significant bits of the receive register.
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
39 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com