Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 6Page - NXP Semiconductors FS26 Datasheet HTML 7Page - NXP Semiconductors FS26 Datasheet HTML 8Page - NXP Semiconductors FS26 Datasheet HTML 9Page - NXP Semiconductors FS26 Datasheet HTML 10Page - NXP Semiconductors FS26 Datasheet HTML 11Page - NXP Semiconductors FS26 Datasheet HTML 12Page - NXP Semiconductors FS26 Datasheet HTML 13Page - NXP Semiconductors FS26 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
5.2 Part number list
Part
Number
DEV_ID[5:0]
Tracker 2
TRK2
VCORE
current
capability
Long
Duration
Timer (LDT)
Tracker 2
monitoring
VMON_TRK2
FS1B
ABIST on
demand
ABIST2
Watchdog
type
Fault
recovery
FCCU
monitoring
LBIST
FS2600B
01h
NO
0.8 A
NO
NO
NO
YES
Simple
NO
Optional
NO
FS2601B
02h
NO
0.8 A
NO
NO
YES
YES
Simple
NO
Optional
NO
FS2602B
03h
NO
0.8 A
YES
NO
NO
YES
Simple
NO
Optional
NO
FS2603B
04h
NO
0.8 A
YES
NO
YES
YES
Simple
NO
Optional
NO
FS2600D
05h
NO
0.8 A
NO
NO
NO
YES
Challenger
YES
YES
YES
FS2601D
06h
NO
0.8 A
NO
NO
YES
YES
Challenger
YES
YES
YES
FS2602D
07h
NO
0.8 A
YES
NO
NO
YES
Challenger
YES
YES
YES
FS2603D
08h
NO
0.8 A
YES
NO
YES
YES
Challenger
YES
YES
YES
FS2610B
09h
YES
0.8 A
NO
YES
NO
YES
Simple
NO
Optional
NO
FS2611B
0Ah
YES
0.8 A
NO
YES
YES
YES
Simple
NO
Optional
NO
FS2612B
0Bh
YES
0.8 A
YES
YES
NO
YES
Simple
NO
Optional
NO
FS2613B
0Ch
YES
0.8 A
YES
YES
YES
YES
Simple
NO
Optional
NO
FS2610D
0Dh
YES
0.8 A
NO
YES
NO
YES
Challenger
YES
YES
YES
FS2611D
0Eh
YES
0.8 A
NO
YES
YES
YES
Challenger
YES
YES
YES
FS2612D
0Fh
YES
0.8 A
YES
YES
NO
YES
Challenger
YES
YES
YES
FS2613D
10h
YES
0.8 A
YES
YES
YES
YES
Challenger
YES
YES
YES
FS2620B
11h
NO
1.65 A
NO
NO
NO
YES
Simple
NO
Optional
NO
FS2621B
12h
NO
1.65 A
NO
NO
YES
YES
Simple
NO
Optional
NO
FS2622B
13h
NO
1.65 A
YES
NO
NO
YES
Simple
NO
Optional
NO
FS2623B
14h
NO
1.65 A
YES
NO
YES
YES
Simple
NO
Optional
NO
FS2620D
15h
NO
1.65 A
NO
NO
NO
YES
Challenger
YES
YES
YES
FS2621D
16h
NO
1.65 A
NO
NO
YES
YES
Challenger
YES
YES
YES
FS2622D
17h
NO
1.65 A
YES
NO
NO
YES
Challenger
YES
YES
YES
FS2623D
17h
NO
1.65 A
YES
NO
YES
YES
Challenger
YES
YES
YES
FS2630B
19h
YES
1.65 A
NO
YES
NO
YES
Simple
NO
Optional
NO
FS2631B
1Ah
YES
1.65 A
NO
YES
YES
YES
Simple
NO
Optional
NO
FS2632B
1Bh
YES
1.65 A
YES
YES
NO
YES
Simple
NO
Optional
NO
FS2633B
1Ch
YES
1.65 A
YES
YES
YES
YES
Simple
NO
Optional
NO
FS2630D
1Dh
YES
1.65 A
NO
YES
NO
YES
Challenger
YES
YES
YES
FS2631D
1Eh
YES
1.65 A
NO
YES
YES
YES
Challenger
YES
YES
YES
FS2632D
1Fh
YES
1.65 A
YES
YES
NO
YES
Challenger
YES
YES
YES
FS2633D
20h
YES
1.65 A
YES
YES
YES
YES
Challenger
YES
YES
YES
Table 1. Device segmentation
Additional part numbers will exist with different features and parametric settings. Table 1 is an example of a part
number list.
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
10 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com