Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 57 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 53Page - NXP Semiconductors FS26 Datasheet HTML 54Page - NXP Semiconductors FS26 Datasheet HTML 55Page - NXP Semiconductors FS26 Datasheet HTML 56Page - NXP Semiconductors FS26 Datasheet HTML 57Page - NXP Semiconductors FS26 Datasheet HTML 58Page - NXP Semiconductors FS26 Datasheet HTML 59Page - NXP Semiconductors FS26 Datasheet HTML 60Page - NXP Semiconductors FS26 Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
16.2.15 M_TSD_CFG
Bit
15
14
13
12
11
10
9
8
Write
0
0
0
0
0
0
0
0
Read
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
Reset
0
0
0
0
0
0
0
0
Table 44. M_TSD_CFG register bit allocation
Bit
7
6
5
4
3
2
1
0
Write
0
0
VPRETDFS
TRK2TDFS
TRK1TDFS
CORETDFS
LDO2TDFS
LDO1TDFS
Read
RESERVED
RESERVED
VPRETDFS
TRK2TDFS
TRK1TDFS
CORETDFS
LDO2TDFS
LDO1TDFS
Reset
0
0
OTP
OTP
OTP
OTP
OTP
OTP
Go to main register map
Bit
Symbol
Value
Description
Deep Fail Safe request in case of VPRE Thermal Shutdown
0h
Regulator disabled
1h
Transition to DFS
5
VPRETDFS
Load fuse state (VPRETDFS_OTP)
Deep Fail Safe request in case of TRK2 Thermal Shutdown
0h
Regulator disabled
1h
Transition to DFS
4
TRK2TDFS
Load fuse state (TRK1TDFS_OTP)
Deep Fail Safe request in case of TRK1 Thermal Shutdown
0h
Regulator disabled
1h
Transition to DFS
3
TRK1TDFS
Load fuse state (TRK1TDFS_OTP)
Deep Fail Safe request in case of VCORE Thermal Shutdown
0h
Regulator disabled
1h
Transition to DFS
2
CORETDFS
Load fuse state (CORETDFS_OTP)
Deep Fail Safe request in case of LDO2 Thermal Shutdown
0h
Regulator disabled
1h
Transition to DFS
1
LDO2TDFS
Load fuse state (LDO1TDFS_OTP)
Deep Fail Safe request in case of LDO1 Thermal Shutdown
0h
Regulator disabled
1h
Transition to DFS
0
LDO1TDFS
Load fuse state (LDO1TDFS_OTP)
Table 45. M_TSD_CFG register bit description
16.2.16 M_REG_CFG
Bit
15
14
13
12
11
10
9
8
Write
0
0
0
0
0
0
0
0
Read
0
0
0
0
0
0
0
0
Reset
0
0
0
0
0
0
0
0
Table 46. M_REG_CFG register bit allocation
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
57 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com