Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 79 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 75Page - NXP Semiconductors FS26 Datasheet HTML 76Page - NXP Semiconductors FS26 Datasheet HTML 77Page - NXP Semiconductors FS26 Datasheet HTML 78Page - NXP Semiconductors FS26 Datasheet HTML 79Page - NXP Semiconductors FS26 Datasheet HTML 80Page - NXP Semiconductors FS26 Datasheet HTML 81Page - NXP Semiconductors FS26 Datasheet HTML 82Page - NXP Semiconductors FS26 Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
Bit
Bit Group Name
Description
Value
Settings
2h
300 kΩ
3h
450 kΩ
0h
50 pF
1h
60 pF
2h
90 pF
3 to 2
CORE_CCOMP_OTP[1:0]
VCORE comp capacitor
3h
120 pF
0h
26 µS
1h
26 µS
2h
53 µS
1 to 0
CORE_GM_OTP[1:0]
VCORE transconductance amp
3h
107 µS
Table 84. OTP_CORE_CFG2 register bit description...continued
Go to main OTP configuration map
17.2.17 OTP_CORE_CFG3
Bit
Bit Group Name
Description
Value
Settings
0h
2.5 mV/µs
1h
5 mV/µs
2h
10 mV/µs
5 to 4
CORE_SS_OTP[1:0]
VCORE soft start
VCORE_SS
3h
20 mV/µs
0h
Valley mode control
2
CORE_CTRL_OTP
VCORE control type
1h
Peak mode control
0h
1 µH
1h
1.5 µH
2h
2.2 µH
1 to 0
CORE_LSEL_OTP[1:0]
VCORE inductor
LCORE
3h
2.2 µH
Table 85. OTP_CORE_CFG3 register bit description
17.2.18 OTP_CORE_VOLT1
Bit
Bit Group Name
Description
Value
Settings
00h
0.80 V
….
….
7 to 0
VCORE_OTP[7:0]
VCORE voltage
LSB = 10 mV
VCORE
FFh
3.35 V
Table 86. OTP_CORE_VOLT1 register bit description
Go to main OTP configuration map
17.2.19 OTP_CORE_CFG5
Bit
Bit Group Name
Description
Value
Settings
0h
Pull-down enabled in TSD
7
CORETSD_PD_OTP
VCORE TSD pull-down
1h
Pull-down disabled in TSD
0h
VCORE disabled only
6
CORETDFS_OTP
VCORE TSD behavior
Default value of CORETDFS
1h
Go to DFS
2 to 0
CORE_SLOT_OTP[2:0]
VCORE power-up slot
0h
Slot 0
Table 87. OTP_CORE_CFG5 register bit description
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
79 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com