Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 100 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 100 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 96Page - NXP Semiconductors FS26 Datasheet HTML 97Page - NXP Semiconductors FS26 Datasheet HTML 98Page - NXP Semiconductors FS26 Datasheet HTML 99Page - NXP Semiconductors FS26 Datasheet HTML 100Page - NXP Semiconductors FS26 Datasheet HTML 101Page - NXP Semiconductors FS26 Datasheet HTML 102Page - NXP Semiconductors FS26 Datasheet HTML 103Page - NXP Semiconductors FS26 Datasheet HTML 104Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
18.4 VCORE: low-voltage buck regulator
The VCORE block is a low-voltage integrated synchronous buck operating in forced PWM mode and using
internal FETs. The output voltage is configurable by OTP in a range from 0.8 V to 3.35 V, and the switching
frequency is 2.25 MHz. Compensation is ensured by internal circuitry.
A dynamic voltage scaling (DVS) feature is configurable by OTP, to control the ramp-up and ramp-down of the
regulator. The passive pull-down resistor is enabled during the ramp down.
The current in the inductor is sensed via the internal FETs. A thermal shutdown is implemented to protect
the internal FETs. When the current in the inductor rises above the ICORE_PEAK threshold configured with the
CORE_ILIM_OTP[1:0] bits, the SPI bit COREOC_I is set. This overcurrent detection does not turn OFF the
VCORE but will induce a duty cycle reduction and therefore an output voltage drop.
During the overcurrent condition, the regulator switching frequency may be divided by 2. The regulator will
be back to its nominal switching frequency when the overcurrent condition is removed. When the lower
CORE_ILIM_OTP[1:0] setting is selected, it is recommended to select LCORE at 1.5 μH or 2.2 μH.
VCORE
VCORE
VCORE_IN
COUT_CORE
CBOOT
LCORE
CIN_CORE
aaa-045467
Figure 29. VCORE schematic
18.4.1 VCORE electrical characteristics
TA = –40 °C to 125 °C, unless otherwise specified. VSUP_UVH < VSUP < 36 V, VPRE_PWM + VPRE_HDR < VSUP_PWR < 36 V, unless otherwise
specified. All voltages are referenced to ground.
Symbol
Description
Min
Typ
Max
Unit
Static electrical characteristics
VCORE_IN
Input voltage range
2.5
—
6.35
V
VCORE
Output voltage (OTP configuration, 10 mV step)
0.8
—
3.35
V
Output current capability
ICORE
FS260x and FS261x
FS262x and FS263x
—
—
—
—
0.8
1.65
A
Output voltage accuracy
VCORE_ACC
IOUT ≤ 1.5 A
1.5 A < IOUT ≤ 1.65 A
-2
-2.5
—
—
2
2.5
%
Minimum headroom (VCORE_IN – VCORE)
VCORE_HDR
ICORE ≤ 800 mA
ICORE ≤ 1.5 A
ICORE ≤ 1.65 A
400
800
900
—
—
—
—
—
—
mV
Inductor peak current limitation for FS260x and FS261x
ICORE_PEAK_0A8
CORE_ILIM_OTP[1:0] = 00
0.9
1.4
1.9
A
Table 106. VCORE electrical characteristics
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
100 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com