Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 49 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 45Page - NXP Semiconductors FS26 Datasheet HTML 46Page - NXP Semiconductors FS26 Datasheet HTML 47Page - NXP Semiconductors FS26 Datasheet HTML 48Page - NXP Semiconductors FS26 Datasheet HTML 49Page - NXP Semiconductors FS26 Datasheet HTML 50Page - NXP Semiconductors FS26 Datasheet HTML 51Page - NXP Semiconductors FS26 Datasheet HTML 52Page - NXP Semiconductors FS26 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
Bit
7
6
5
4
3
2
1
0
Reset
0
0
0
0
0
0
0
0
Go to main register map
Bit
Symbol
Value
Description
VBST overvoltage flag. Set when VBST > VBST_OV_TH
0h
Event not detected
1h
Event detected. Generates interrupt (INTB pulse)
8
VBSTOV_I
Reset on power-on reset (POR_M) or clear on write 1
VPRE undervoltage flag. Set when VPRE_PWM < VPRE_UVH
0h
Event not detected
1h
Event detected. Generates interrupt (INTB pulse)
7
VPREUVH_I
Reset on power-on reset (POR_M) or clear on write 1
VBST overcurrent event. Set when VBST_ISH pin voltage minus VBST_ISL pin voltage > VBST_ILIM_TH
0h
Event not detected
1h
Event detected. Generates interrupt (INTB pulse)
6
VBSTOC_I
Reset on power-on reset (POR_M) or clear on write 1
VPRE overcurrent event. Set when IPRE_PWM > IPRE_OC_FLAG
0h
Event not detected
1h
Event detected. Generates interrupt (INTB pulse)
5
VPREOC_I
Reset on power-on reset (POR_M) or clear on write 1
TRK2 overcurrent event. Set when ITRK2 > ILIM_TRKx
0h
Event not detected
1h
Event detected. Generates interrupt (INTB pulse)
4
TRK2OC_I
Reset on power-on reset (POR_M) or clear on write 1
TRK1 overcurrent event. Set when ITRK1 > ILIM_TRKx
0h
Event not detected
1h
Event detected. Generates interrupt (INTB pulse)
3
TRK1OC_I
Reset on power-on reset (POR_M) or clear on write 1
VCORE overcurrent event. Set when ICORE > ICORE_PEAK_0A8 (for FS260x and FS261x) or ICORE > ICORE_
PEAK_1A65 (for FS262x and FS263x)
0h
Event not detected
1h
Event detected. Generates interrupt (INTB pulse)
2
COREOC_I
Reset on power-on reset (POR_M) or clear on write 1
LDO2 overcurrent event. Set when ILDO2 > ILIM_LDOx
0h
Event not detected
1h
Event detected. Generates interrupt (INTB pulse)
1
LDO2OC_I
Reset on power-on reset (POR_M) or clear on write 1
LDO1 overcurrent event. Set when ILDO1 > ILIM_LDOx
0h
Event not detected
1h
Event detected. Generates interrupt (INTB pulse)
0
LDO1OC_I
Reset on power-on reset (POR_M) or clear on write 1
Table 27. M_REG_FLG register bit description
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
49 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com