Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 71 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 67Page - NXP Semiconductors FS26 Datasheet HTML 68Page - NXP Semiconductors FS26 Datasheet HTML 69Page - NXP Semiconductors FS26 Datasheet HTML 70Page - NXP Semiconductors FS26 Datasheet HTML 71Page - NXP Semiconductors FS26 Datasheet HTML 72Page - NXP Semiconductors FS26 Datasheet HTML 73Page - NXP Semiconductors FS26 Datasheet HTML 74Page - NXP Semiconductors FS26 Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
Bit
Bit Group Name
Description
Value
Settings
03h
42 mV/µs
04h
56 mV/µs
05h
70 mV/µs
06h
84 mV/µs
07h
99 mV/µs
08h
113 mV/µs
09h
127 mV/µs
0Ah
141 mV/µs
0Bh
155 mV/µs
0Ch
169 mV/µs
0Dh
183 mV/µs
0Eh
197 mV/µs
0Fh
211 mV/µs
10h
225 mV/µs
11h
239 mV/µs
12h
253 mV/µs
13h
268 mV/µs
14h
282 mV/µs
15h
296 mV/µs
16h
310 mV/µs
17h
324 mV/µs
18h
338 mV/µs
19h
352 mV/µs
1Ah
366 mV/µs
1Bh
380 mV/µs
1Ch
394 mV/µs
1Dh
408 mV/µs
1Eh
422 mV/µs
1Fh
436 mV/µs
20h
451 mV/µs
21h
465 mV/µs
22h
479 mV/µs
23h
493 mV/µs
24h
507 mV/µs
25h
521 mV/µs
26h
535 mV/µs
27h
549 mV/µs
28h
563 mV/µs
29h
577 mV/µs
2Ah
591 mV/µs
2Bh
605 mV/µs
2Ch
620 mV/µs
2Dh
634 mV/µs
2Eh
648 mV/µs
2Fh
662 mV/µs
Table 74. OTP_VBST_CFG3 register bit description...continued
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
71 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com