Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS26 Datasheet(PDF) 96 Page - NXP Semiconductors

No. de pieza FS26
Descripción Electrónicos  Safety system basis chip with low power for ASIL D/ASIL B
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS26 Datasheet(HTML) 96 Page - NXP Semiconductors

Back Button FS26 Datasheet HTML 92Page - NXP Semiconductors FS26 Datasheet HTML 93Page - NXP Semiconductors FS26 Datasheet HTML 94Page - NXP Semiconductors FS26 Datasheet HTML 95Page - NXP Semiconductors FS26 Datasheet HTML 96Page - NXP Semiconductors FS26 Datasheet HTML 97Page - NXP Semiconductors FS26 Datasheet HTML 98Page - NXP Semiconductors FS26 Datasheet HTML 99Page - NXP Semiconductors FS26 Datasheet HTML 100Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 156 page
background image
NXP Semiconductors
FS26
Safety system basis chip with low power for ASIL D/ASIL B
VBST_IN
VBST
RSNS_BST
Maximum IBST
7 V
60 mΩ
200 mA
10 V
40 mΩ
140 mA
3.3 V
12 V
20 mΩ
115 mA
7 V
80 mΩ
300 mA
10 V
60 mΩ
210 mA
12 V
40 mΩ
175 mA
5 V
15 V
20 mΩ
140 mA
7 V
100 mΩ
360 mA
10 V
80 mΩ
250 mA
12 V
60 mΩ
210 mA
15 V
40 mΩ
170 mA
6 V
18 V
20 mΩ
140 mA
Table 103. Maximum VBST output current in back-end configuration for an input average current of 500 mA
(DCBST_MAX = 87.5 %, Efficiency = 85 %)
VBST
aaa-045466
RCOMP
RSNS_BST
VDDIO
CCOMP
CIN_BST
VBST_IN
VBST
COUT_BST
LBST
DBST
CHF
SLOPE
COMPENSATION
VBST_FB
VBST_PG
VBST_ISH
VBST_ISL
gm
CONTROLLER
Driver
DIGITAL
PROCESSING
PWM
VBST_G
RBST_PG_PU
Figure 27. VBST schematic with configuration from VPRE
18.3.1 VBST electrical characteristics
TA = –40 °C to 125 °C, unless otherwise specified. VSUP_UVH < VSUP < 36 V, VPRE_PWM + VPRE_HDR < VSUP_PWR < 36 V, unless otherwise specified. All voltages
are referenced to ground.
Symbol
Description
Min
Typ
Max
Unit
Static electrical characteristics
VBST_IN
Input voltage range
2.7
—
40
V
VBST
Output voltage (OTP configuration, 250 mV step)
5
—
18
V
VBST_ACC
Output voltage accuracy
-3
—
3
%
Table 104. VBST electrical characteristics
FS26_SDS
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product short data sheet
Rev. 6.0 — 12 December 2025
Document feedback
96 / 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com